Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC66150 Fiches technique(PDF) 8 Page - First Components International

No de pièce FC66150
Description  Ultra Low - Droupout Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FCI [First Components International]
Site Internet  http://www.cotra.com.tw/
Logo FCI - First Components International

FC66150 Fiches technique(HTML) 8 Page - First Components International

Back Button FC66150 Datasheet HTML 4Page - First Components International FC66150 Datasheet HTML 5Page - First Components International FC66150 Datasheet HTML 6Page - First Components International FC66150 Datasheet HTML 7Page - First Components International FC66150 Datasheet HTML 8Page - First Components International FC66150 Datasheet HTML 9Page - First Components International FC66150 Datasheet HTML 10Page - First Components International FC66150 Datasheet HTML 11Page - First Components International FC66150 Datasheet HTML 12Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
TYPICAL CHARACTERISTICS 66150
450
400
350
300
250
200
150
100
50
0
0.0
0.5
1.0
1.5
Output Current (A)
Figure 1. GM66150 Dropout Voltage vs.
Output Current
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-60
-30
0
30
60
90
120
150
Temperature (°C)
Figure 2. GM66150 Dropout Voltage vs.
Temperature
5.0
4.0
3.0
2.0
1.0
0
0
1
2
3
4
5
6
Input Voltage(V)
Figure 3. GM66102-5.0 Dropout
Characteristics
I
= 1.5A
LOAD
I
= 1.5A
OUT
I
= 10mA
OUT
1.2
1.0
0.8
0.6
0.4
0.2
0
0
2
4
6
8
10
Supply Voltage (V)
V
= 5V
OUT
I
= 10mA
LOAD
300
250
200
150
100
50
0
-60 -30
0
30
60
90
120
130
Temperature (°C)
Figure 5. GM66150 Ground Current
Temperature
I
= 10mA
LOAD
2.5
2.0
1.5
1.0
0.5
0
-60
-30
0
30
60
90
120 150
Temperature (°C)
Figure 6. GM66150 Ground Current
vs. Temperature
I
= 250mA
LOAD
3.40
3.38
3.36
3.34
3.32
3.30
3.28
3.26
3.24
3.22
3.20
-60
-30
0
30
60
90
120
150
Temperature (°C)
Figure 7. GM66150-3.3 Output Voltage
vs. Temperature
3.0
2.5
2.0
1.5
1.0
0.5
0
-60 -30
0
30
60
90
120
130
Temperature (°C)
Figure 8. GM66150-3.3 Short Circuit
Current vs. Temperature
3DEVICES
V
= 0V
OUT
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-0.2
-30
-20
-10
0
10
20
30
Input Voltage (V)
Figure 9. GM66150 Ground Current
vs. Input Voltage
R
= 100W
LOAD
V
= 5V
OUT
Figure 4. GM66150 Ground Current
vs. Supply Voltage
FC66150~3 1.5A Ultra Low - Droupout Voltage Regulator


Numéro de pièce similaire - FC66150

FabricantNo de pièceFiches techniqueDescription
logo
PANDUIT CORP.
FC6-12-10Y PANDUIT-FC6-12-10Y Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-12-3SY PANDUIT-FC6-12-3SY Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-12-3Y PANDUIT-FC6-12-3Y Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-24-10Y PANDUIT-FC6-24-10Y Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-6-3 PANDUIT-FC6-6-3 Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
More results

Description similaire - FC66150

FabricantNo de pièceFiches techniqueDescription
logo
First Components Intern...
FC6251 FCI-FC6251 Datasheet
174Kb / 12P
   250mA Ultra-Low Droupout Positive Voltage Regulator
logo
Unisonic Technologies
UR75XX UTC-UR75XX Datasheet
222Kb / 9P
   HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
UR71XX UTC-UR71XX Datasheet
234Kb / 8P
   HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940_07 Datasheet
455Kb / 10P
   1A Ultra Low Dropout Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com