Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUA101-S02 Fiches technique(PDF) 1 Page - Vitec Power

No de pièce STUA101-S02
Description  100W U-Bracket Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  Vitec [Vitec Power]
Site Internet  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STUA101-S02 Fiches technique(HTML) 1 Page - Vitec Power

  STUA101-S02 Datasheet HTML 1Page - Vitec Power STUA101-S02 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STUA101 SERIES
100W U-Bracket Power Supply for I.T. Equipment
Wide Input Voltage90 to 260 VAC, 47 to 63Hz
Single Output
Output voltage available from 3 to 50 VDC
Input Surge Current and Overload protection
Over Voltage Protection (Crowbar Design)
Class I Insulation
Active Power Factor Correction
Input connector mates with Molex housing 09-50-3031 and Molex 2478 series crimp terminal
Output connector mates with Molex housing 09-50-3131 and Molex 2478 series crimp terminal
Size: 3.2"x5"x1.38"
2 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Output Current
Total Regulation
Maximum Output Power
STUA101-S01
3 - 5 VDC
18.00 - 10.80 A
5%
54W
STUA101-S02
5 - 6 VDC
14.00 - 11.66 A
5%
70W
STUA101-S03
6 - 9 VDC
13.33 - 8.88 A
5%
80W
STUA101-S04
9 - 11 VDC
11.11 - 9.09 A
5%
100W
STUA101-S05
11 - 13 VDC
9.09 - 7.69 A
3%
100W
STUA101-S06
13 - 16 VDC
7.69 - 6.25 A
3%
100W
STUA101-S07
16 - 21 VDC
6.25 - 4.76 A
3%
100W
STUA101-S08
21 - 27 VDC
4.76 - 3.70 A
2%
100W
STUA101-S09
27 - 33 VDC
3.70 - 3.03 A
2%
100W
STUA101-S10
33 - 40 VDC
3.03 - 2.50 A
2%
100W
STUA101-S11
40 - 50 VDC
2.50 - 2.00 A
2%
100W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
260
VAC
Input Frequency
47
63
Hz
Power Factor Correction
Io = Full load, Vin = 90-260VAC
0.95
0.91
1.0
Output Power Range
Vin=90 to 264VAC
0
100
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
2.0
A
Input Current (High Line)
Io=Full load, Vin=230VAC
1.0
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
44
50
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
85
100
A
Efficiency
Io=Full Load, Vin=230VAC
70
80
85
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
* Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.4
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
* Note: The Ripple & Noise which is under 3.3VDC at 2% max


Numéro de pièce similaire - STUA101-S02

FabricantNo de pièceFiches techniqueDescription
logo
Vitec Power
STUA101-S02 Vitec-STUA101-S02 Datasheet
433Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
More results

Description similaire - STUA101-S02

FabricantNo de pièceFiches techniqueDescription
logo
Vitec Power
STUA100 Vitec-STUA100 Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA100-SERIES Vitec-STUA100-SERIES Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA101-SERIES Vitec-STUA101-SERIES Datasheet
433Kb / 2P
   100W U-Bracket Power Supply for I.T. Equipment
STUA60 Vitec-STUA60 Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA120 Vitec-STUA120 Datasheet
435Kb / 2P
   120W U-Bracket Power Supply for I.T. Equipment
STUA61 Vitec-STUA61 Datasheet
464Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA60-SERIES Vitec-STUA60-SERIES Datasheet
467Kb / 2P
   63W U-Bracket Power Supply for I.T. Equipment
STUA250-SERIES Vitec-STUA250-SERIES Datasheet
423Kb / 2P
   250W U-Bracket Power Supply for I.T. Equipment
STUA80-SERIES Vitec-STUA80-SERIES Datasheet
454Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
STUA120-SERIES Vitec-STUA120-SERIES Datasheet
435Kb / 2P
   120W U-Bracket Power Supply for I.T. Equipment
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com