Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP1G125DPW Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce SN74AUP1G125DPW
Description  Low-Power Single Bus Buffer Gate With 3-State Output
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G125DPW Fiches technique(HTML) 8 Page - Texas Instruments

Back Button SN74AUP1G125DPW Datasheet HTML 4Page - Texas Instruments SN74AUP1G125DPW Datasheet HTML 5Page - Texas Instruments SN74AUP1G125DPW Datasheet HTML 6Page - Texas Instruments SN74AUP1G125DPW Datasheet HTML 7Page - Texas Instruments SN74AUP1G125DPW Datasheet HTML 8Page - Texas Instruments SN74AUP1G125DPW Datasheet HTML 9Page - Texas Instruments SN74AUP1G125DPW Datasheet HTML 10Page - Texas Instruments SN74AUP1G125DPW Datasheet HTML 11Page - Texas Instruments SN74AUP1G125DPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8
SN74AUP1G125
SCES595N – JULY 2004 – REVISED JULY 2017
www.ti.com
Product Folder Links: SN74AUP1G125
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
6.7 Switching Characteristics, CL = 5 pF
over recommended operating free-air temperature range, CL = 5 pF (unless otherwise noted) (see Figure 2 and Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA
MIN
TYP
MAX
UNIT
tpd
A
Y
0.8 V
TA = 25°C
18.1
ns
1.2 V ± 0.1 V
TA = 25°C
4.3
7.4
12.6
TA = –40°C to +85°C
2.7
15.3
1.5 V ± 0.1 V
TA = 25°C
3.3
5.2
8.5
TA = –40°C to +85°C
1
10.2
1.8 V ± 0.15 V
TA = 25°C
2.6
4.1
6.8
TA = –40°C to +85°C
1.3
8.3
2.5 V ± 0.2 V
TA = 25°C
2
2.9
4.7
TA = –40°C to +85°C
1.1
5.8
3.3 V ± 0.3 V
TA = 25°C
1.7
2.4
3.8
TA = –40°C to +85°C
1
4.6
ten
OE
Y
0.8 V
TA = 25°C
19.1
ns
1.2 V ± 0.1 V
TA = 25°C
5.1
9.3
15.9
TA = –40°C to +85°C
3.6
19.2
1.5 V ± 0.1 V
TA = 25°C
4.1
6.6
10.5
TA = –40°C to +85°C
2.5
12.7
1.8 V ± 0.15 V
TA = 25°C
3.2
5.3
8.7
TA = –40°C to +85°C
2.1
10.3
2.5 V ± 0.2 V
TA = 25°C
2.5
3.8
6
TA = –40°C to +85°C
1.6
7.2
3.3 V ± 0.3 V
TA = 25°C
2.1
3.2
4.9
TA = –40°C to +85°C
1.4
5.9
tdis
OE
Y
0.8 V
TA = 25°C
12.1
ns
1.2 V ± 0.1 V
TA = 25°C
2.4
4.1
6.9
TA = –40°C to +85°C
2.2
7.7
1.5 V ± 0.1 V
TA = 25°C
1.8
2.9
4.5
TA = –40°C to +85°C
1.7
5.1
1.8 V ± 0.15 V
TA = 25°C
1
2.9
4.3
TA = –40°C to +85°C
1.5
4.7
2.5 V ± 0.2 V
TA = 25°C
1
1.8
2.7
TA = –40°C to +85°C
1
3.3
3.3 V ± 0.3 V
TA = 25°C
1.2
2.2
3.2
TA = –40°C to +85°C
1.1
4


Numéro de pièce similaire - SN74AUP1G125DPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G125DPW TI1-SN74AUP1G125DPW Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125DPWR TI1-SN74AUP1G125DPWR Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
More results

Description similaire - SN74AUP1G125DPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_101 TI-SN74AUP1G125_101 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI1-SN74AUP1G125_15 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com