Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P6151PR-24VDC-RS Fiches technique(PDF) 1 Page - Axiomtek Co., Ltd.

No de pièce P6151PR-24VDC-RS
Description  15 XGA TFT Industrial Touchscreen Monitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AXIOMTEK [Axiomtek Co., Ltd.]
Site Internet  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

P6151PR-24VDC-RS Fiches technique(HTML) 1 Page - Axiomtek Co., Ltd.

  P6151PR-24VDC-RS Datasheet HTML 1Page - Axiomtek Co., Ltd. P6151PR-24VDC-RS Datasheet HTML 2Page - Axiomtek Co., Ltd. P6151PR-24VDC-RS Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
623
* All specifications and photos are subject to change without notice.
P6151P
NEW
Features
15" XGA TFT Industrial Touchscreen Monitor
15" TFT 420 nits high brightness XGA LCD
Resistive touchscreen
Supports full range screw-type (locked) AC-in or 12V/24V
DC-in (option)
HDMI, DVI-D and VGA with multi-signal inputs
Built-in speakers
Introduction
Specifications
The P6151 is an ultra slim industrial LCD monitor, which adopts 15-inch 420 nits XGA LED
backlight LCD display and supports multi-signal interfaces including DVI, VGA and HDMI.
Featuring, screw-type adaptor plug design, and 12/24V DC-In means it is fit for all kinds
of industrial environments. With the compact mechanism design, users can enjoy free
from space constraint. It is especially suitable for POI/POS, excellent HMI and all kinds of
heavy-duty industrial fields.
Front Bezel
Open frame monitor
LCD Panel
Display
15" TFT XGA LED
Max. Resolution
1024 x 768
Max. Colors
16.7M
Active Area (mm)
304.128 x 228.096
Pixel Pitch (mm)
0.297 x 0.297
Response Time
16ms
Backlight
LED backlight
Backlight MTBF
30,000 hrs
Viewing Angle (H/V) 160°/160°
Contrast Ratio
800 (TYP.)
Brightness (cd/m
2)
420 nits
Display Control
OSD (on screen display)
Display Mode
VGA 640 x 350 (70Hz), VGA 640 x 480 (60/72/75Hz),
VGA 720 x 400 (70Hz), SVGA 800 x 600 (60/72/75Hz),
XGA 1024 x 768 (60/72/75Hz)
Input Signal
DVI-D
VGA
HDMI
Touchscreen: Serial RS-232 or USB interface
1. T/S port
2. Line-in
3. VGA
4. DVI-D
5. HDMI
6. Power
Modularized design
6
5
4
3
1
2
NEW
1. Menu
2. SEL+
3. SEL-
4. Exit
5. Power LED
6. Power Switch
1
3
5
2
4
6
Updated Oct. 06, 2016.


Numéro de pièce similaire - P6151PR-24VDC-RS

FabricantNo de pièceFiches techniqueDescription
logo
Axiomtek Co., Ltd.
P6151PR-24VDC-RS AXIOMTEK-P6151PR-24VDC-RS Datasheet
292Kb / 3P
   15 XGA TFT Industrial Touchscreen Monitor
More results

Description similaire - P6151PR-24VDC-RS

FabricantNo de pièceFiches techniqueDescription
logo
Axiomtek Co., Ltd.
P6151PG-24VDC AXIOMTEK-P6151PG-24VDC Datasheet
292Kb / 3P
   15 XGA TFT Industrial Touchscreen Monitor
P6153LPR-AC-U AXIOMTEK-P6153LPR-AC-U Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
P6153LPR-AC-RS AXIOMTEK-P6153LPR-AC-RS Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
P6153PR-24VDC-U-V3-RC AXIOMTEK-P6153PR-24VDC-U-V3-RC Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
P6151O AXIOMTEK-P6151O_17 Datasheet
269Kb / 2P
   15 XGA TFT Industrial Open Frame Monitor
logo
Advantech Co., Ltd.
ITM-5115 ADVANTECH-ITM-5115_15 Datasheet
479Kb / 2P
   15" XGA Industrial LED Monitor with Full-Flat Resistive Touchscreen
ITM-915G-RVAE-C ADVANTECH-ITM-915G-RVAE-C Datasheet
359Kb / 2P
   15 XGA Industrial Monitor with Resistive Touchscreen and VGA Port
22-Oct-2018
logo
Axiomtek Co., Ltd.
P6151 AXIOMTEK-P6151_17 Datasheet
283Kb / 2P
   15 XGA TFT Industrial LCD Monitor with Digital IO
logo
Advantech Co., Ltd.
FPM-2150G ADVANTECH-FPM-2150G Datasheet
231Kb / 2P
   15 XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2150G ADVANTECH-FPM-2150G_15 Datasheet
335Kb / 2P
   15" XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com