Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3129D2DAPR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA3129D2DAPR
Description  2x30-W, 2x15-W Class-D Amplifier With Low Idle Power Dissipation
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3129D2DAPR Fiches technique(HTML) 4 Page - Texas Instruments

  TPA3129D2DAPR Datasheet HTML 1Page - Texas Instruments TPA3129D2DAPR Datasheet HTML 2Page - Texas Instruments TPA3129D2DAPR Datasheet HTML 3Page - Texas Instruments TPA3129D2DAPR Datasheet HTML 4Page - Texas Instruments TPA3129D2DAPR Datasheet HTML 5Page - Texas Instruments TPA3129D2DAPR Datasheet HTML 6Page - Texas Instruments TPA3129D2DAPR Datasheet HTML 7Page - Texas Instruments TPA3129D2DAPR Datasheet HTML 8Page - Texas Instruments TPA3129D2DAPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4
TPA3128D2, TPA3129D2
SLOS941B – MAY 2016 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TPA3128D2 TPA3129D2
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
18
PVCC
P
Power supply
19
PVCC
P
Power supply
20
BSNL
BST
Boot strap for negative left channel output, connect to 220 nF X5R, or better ceramic cap to OUTPL
21
OUTNL
PO
Negative left channel output
22
GND
G
Ground
23
OUTPL
PO
Positive left channel output
24
BSPL
BST
Boot strap for positive left channel output, connect to 220 nF X5R, or better ceramic cap to OUTNL
25
GND
G
Ground
26
BSNR
BST
Boot strap for negative right channel output, connect to 220 nF X5R, or better ceramic cap to OUTNR
27
OUTNR
PO
Negative right channel output
28
GND
G
Ground
29
OUTPR
PO
Positive right channel output
30
BSPR
BST
Boot strap for positive right channel output, connect to 220 nF X5R or better ceramic cap to OUTPR
31
PVCC
P
Power supply
32
PVCC
P
Power supply
33
PowerPAD
G
Connect to GND for best system performance. If not connected to GND, leave floating.


Numéro de pièce similaire - TPA3129D2DAPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWP TI-TPA3120D2PWP Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWP TI-TPA3120D2PWP Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2PWPG4 TI-TPA3120D2PWPG4 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Description similaire - TPA3129D2DAPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3128D2 TI1-TPA3128D2 Datasheet
2Mb / 37P
[Old version datasheet]   2x30-W Class-D Amplifier With Low Idle Power Dissipation
TPA3156D2 TI1-TPA3156D2 Datasheet
3Mb / 40P
[Old version datasheet]   70-W, Analog Input, Stereo, Class-D Audio Amplifier With Low Idle Power Dissipation
logo
Cirrus Logic
CS35L00 CIRRUS-CS35L00_11 Datasheet
761Kb / 34P
   2.8 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L00 CIRRUS-CS35L00 Datasheet
509Kb / 34P
   2.7 W Mono Class-D Audio Amplifier with Low Idle Current
CS35L01 CIRRUS-CS35L01 Datasheet
538Kb / 34P
   2.9 W Mono Class-D Audio Amplifier with Low Idle Current
logo
Texas Instruments
TAS5805M TI1-TAS5805M_18 Datasheet
2Mb / 86P
[Old version datasheet]   23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
TAS5805M TI1-TAS5805M Datasheet
1Mb / 88P
[Old version datasheet]   23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
logo
NXP Semiconductors
TDA8922C PHILIPS-TDA8922C_15 Datasheet
239Kb / 40P
   2X75 W class-D power amplifier
Rev. 01-7 September 2009
logo
Shanghai Leiditech Elec...
SMAJ5917B LEIDITECH-SMAJ5917B Datasheet
329Kb / 2P
   1.5 W Power Dissipation
logo
NXP Semiconductors
TDA8920C NXP-TDA8920C Datasheet
275Kb / 40P
   2 X110 W class-D power amplifier
Rev. 01-29 September 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com