Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM350T Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM350T
Description  3-Amp Adjustable Regulators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM350T Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LM350T Datasheet HTML 3Page - Texas Instruments LM350T Datasheet HTML 4Page - Texas Instruments LM350T Datasheet HTML 5Page - Texas Instruments LM350T Datasheet HTML 6Page - Texas Instruments LM350T Datasheet HTML 7Page - Texas Instruments LM350T Datasheet HTML 8Page - Texas Instruments LM350T Datasheet HTML 9Page - Texas Instruments LM350T Datasheet HTML 10Page - Texas Instruments LM350T Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LM150, LM350-N, LM350A
www.ti.com
SNVS772B – MAY 1998 – REVISED MARCH 2013
Figure 16. Regulator with Line Resistance
in Output Lead
With the TO-3 package, it is easy to minimize the resistance from the case to the set resistor, by using two
separate leads to the case. The ground of R2 can be returned near the ground of the load to provide remote
ground sensing and improve load regulation.
PROTECTION DIODES
When external capacitors are used with any IC regulator it is sometimes necessary to add protection diodes to
prevent the capacitors from discharging through low current points into the regulator. Most 10
μF capacitors have
low enough internal series resistance to deliver 20A spikes when shorted. Although the surge is short, there is
enough energy to damage parts of the IC.
When an output capacitor is connected to a regulator and the input is shorted, the output capacitor will discharge
into the output of the regulator. The discharge current depends on the value of the capacitor, the output voltage
of the regulator, and the rate of decrease of VIN. In the LM150, this discharge path is through a large junction that
is able to sustain 25A surge with no problem. This is not true of other types of positive regulators. For output
capacitors of 25
μF or less, there is no need to use diodes.
The bypass capacitor on the adjustment terminal can discharge through a low current junction. Discharge occurs
when either the input or output is shorted. Internal to the LM150 is a 50
Ω resistor which limits the peak discharge
current. No protection is needed for output voltages of 25V or less and 10
μF capacitance. Figure 17 shows an
LM150 with protection diodes included for use with outputs greater than 25V and high values of output
capacitance.
D1 protects against C1
D2 protects against C2
Figure 17. Regulator with Protection Diodes
(2)
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM150 LM350-N LM350A


Numéro de pièce similaire - LM350T

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM350T NSC-LM350T Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
Motorola, Inc
LM350T MOTOROLA-LM350T Datasheet
172Kb / 12P
   THREE.TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM350T FAIRCHILD-LM350T Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
logo
ON Semiconductor
LM350T ONSEMI-LM350T Datasheet
115Kb / 10P
   3.0 A, Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 4
logo
Fairchild Semiconductor
LM350T FAIRCHILD-LM350T Datasheet
172Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
More results

Description similaire - LM350T

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM150 TI1-LM150_16 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
logo
National Semiconductor ...
LM150 NSC-LM150 Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
Texas Instruments
LM150QML TI1-LM150QML_16 Datasheet
805Kb / 19P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150QML TI1-LM150QML Datasheet
722Kb / 22P
[Old version datasheet]   LM150QML 3-Amp Adjustable Regulators
LM350-N TI-LM350-N Datasheet
2Mb / 21P
[Old version datasheet]   LM150/LM350A/LM350 3-Amp Adjustable Regulators
LM138 TI1-LM138_16 Datasheet
2Mb / 23P
[Old version datasheet]   5-Amp Adjustable Regulators
LM338-MIL TI1-LM338-MIL Datasheet
2Mb / 28P
[Old version datasheet]   5-Amp Adjustable Regulators
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
Texas Instruments
LM138 TI1-LM138 Datasheet
883Kb / 20P
[Old version datasheet]   5-Amp Adjustable Regulators
PT6300 TI-PT6300 Datasheet
188Kb / 8P
[Old version datasheet]   3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com