Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS110A Fiches technique(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No de pièce SS110A
Description  1A Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SS110A Fiches technique(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SS110A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SS110A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SS110A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions in inches and (millimeters)
Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
• Electrostatic discharge (ESD) test under IEC6100-4-2
standard >16ΚV(S
S12A-SS16A).
standard >10ΚV(S
S110A~SS120A).
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction. Suffix
"
H" indicates Halogen-free part, ex.SS12AH. Lead-free
parts meet environmental standards of
MIL-
STD-19500 /228
SMA(DO-214AC)
• Case : Molded plastic, DO-214AC / SMA
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : 0.002 ounce, 0.055 gram
• Epoxy:UL94-V0 rated flame retardant
SS12A THRU SS120A
1A Surface Mount Schottky Barrier Rectifiers
I
O
I
FSM
I
R
C
J
T
STG
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Storage temperature
Parameter
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 100 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+175
120
20
0.5
1.0
30
A
A
mA
OC/W
OC
88
R
θJA
Junction to ambient
Diode junction capacitance
pF
f=1MHz and applied 4V DC reverse voltage
Operating temperature
O
T ( C)
J
-50 ~ +150
-50 ~ +175
Max. forward voltage
O
@1A, T = 25 C
A
V (V)
F
0.70
0.50
0.87
0.90
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
28
42
70
14
105
140
Max.
repetitive peak
reverse voltage
V
(V)
RRM
40
60
100
20
150
200
Marking code
SS14A
SS16A
SS110A
SS12A
SS115A
SS120A
Symbol
SS14
SS16
SS110
SS12
SS115
SS120
40
60
100
20
150
200
Marking code
0.45
0.81
0.09 8 (2 .50 )
0.06 7 (1 .70 )
0.06 7 (1 .70 )
0.04 7 (1 .20 )
0.114 (2 .90 )
0.08 3 (2 .10 )
0.18 1 (4 .60 )
0.15 7 (4 .00 )
0.012 (0.3 0)
TYP.
0.20 9 (5 .30 )
0.18 5 (4 .70 )
0.06 1 (1 .55 )
0.03 0 (0 .75 )
0.008 (0.2 0)
0.004 (0.1 0)
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Numéro de pièce similaire - SS110A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SS110A ETC2-SS110A Datasheet
38Kb / 2P
   RATING AND CHARACTERTIC CURVES
logo
Rugao Dachang Electroni...
SS110A DACHANG-SS110A Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Rectifier Reverse Voltage 20 to 100 V Forward Current 1.0 A
SS110A DACHANG-SS110A Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Yangzhou yangjie electr...
SS110A YANGJIE-SS110A Datasheet
202Kb / 2P
   Schottky Rectifier
logo
HY ELECTRONIC CORP.
SS110A HY-SS110A Datasheet
418Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
More results

Description similaire - SS110A

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
FM120-N FRONTIER-FM120-N Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B140WS CITC-B140WS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12A CITC-SK12A Datasheet
152Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12AS CITC-SK12AS Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SK12B CITC-SK12B Datasheet
96Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SL12A CITC-SL12A Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLS12B CITC-SLS12B Datasheet
91Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
B120LWG-S CITC-B120LWG-S Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SKL16ASG CITC-SKL16ASG Datasheet
459Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
SLL12AS CITC-SLL12AS Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com