Moteur de recherche de fiches techniques de composants électroniques |
|
BYM11-XXX Fiches technique(PDF) 1 Page - Vishay Siliconix |
|
BYM11-XXX Fiches technique(HTML) 1 Page - Vishay Siliconix |
1 / 4 page BYM11-xxx, RGL41x www.vishay.com Vishay General Semiconductor Revision: 11-Dec-13 1 Document Number: 88547 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Surface Mount Glass Passivated Junction Fast Switching Rectifier TYPICAL APPLICATIONS For use in fast switching rectification of power supply, inverters, converters, and freewheeling diodes for consumer, automotive and telecommunication. FEATURES • Superectifier structure for high reliability condition • Ideal for automated placement • Fast switching for high efficiency • Low leakage current • High forward surge capability • Meets MSL level 1, per J-STD-020, LF maximum peak of 250 °C • AEC-Q101 qualified • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 MECHANICAL DATA Case: DO-213AB, molded epoxy over glass body Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS-compliant, commercial grade Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD 22-B102 E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix meets JESD 201 class 2 whisker test Polarity: Two bands indicate cathode end - 1st band denotes device type and 2nd band denotes repetitive peak reverse voltage rating PRIMARY CHARACTERISTICS IF(AV) 1.0 A VRRM 50 V to 1000 V IFSM 30 A trr 150 ns, 250 ns, 500 ns VF 1.3 V TJ max. 175 °C Package DO-213AB (GL41) Diode variation Single die DO-213AB SUPERECTIFIER ® MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL BYM 11-50 BYM 11-100 BYM 11-200 BYM 11-400 BYM 11-600 BYM 11-800 BYM 11-1000 UNIT FAST SWITCHING TIME DEVICE: 1ST BAND IS RED RGL41A RGL41B RGL41D RGL41G RGL41J RGL41K RGL41M Polarity color bands (2nd band) Gray Red Orange Yellow Green Blue Violet Maximum repetitive peak reverse voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS voltage VRMS 35 70 140 280 420 560 700 V Maximum DC blocking voltage VDC 50 100 200 400 600 800 1000 V Maximum average forward rectified current at TT = 55 °C IF(AV) 1.0 A Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load IFSM 30 A Maximum full load reverse current, full cycle average at TA = 55 °C IR(AV) 50 μA Operating junction and storage temperature range TJ, TSTG - 65 to + 175 °C |
Numéro de pièce similaire - BYM11-XXX |
|
Description similaire - BYM11-XXX |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |