Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU25H08-M3 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce BU25H08-M3
Description  Enhanced isoCink™ Bridge Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BU25H08-M3 Fiches technique(HTML) 1 Page - Vishay Siliconix

  BU25H08-M3 Datasheet HTML 1Page - Vishay Siliconix BU25H08-M3 Datasheet HTML 2Page - Vishay Siliconix BU25H08-M3 Datasheet HTML 3Page - Vishay Siliconix BU25H08-M3 Datasheet HTML 4Page - Vishay Siliconix BU25H08-M3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BU25H06-M3, BU25H08-M3
www.vishay.com
Vishay General Semiconductor
Revision: 08-Apr-16
1
Document Number: 87665
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Enhanced isoCink+™ Bridge Rectifiers
Note
• Tested
to
UL
standard
for
safety
electrically
isolated
semiconductor devices. UL 1557 4th edition.
Dielectric tested to maximum case, storage and junction
temperature to 175 °C to withstand 1500 V.
Epoxy meets UL 94 V-0 flammability rating.
FEATURES
• UL recognition file number E309391 (QQQX2)
UL 1557 (see note)
• Thin single in-line package
• Superior thermal conductivity
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for
switching
power
supply,
home
appliances
and
white-goods applications.
MECHANICAL DATA
Case: BU
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked on body
Mounting Torque: 10 cm-kg (8.8 inches-lbs) max.
Recommended Torque: 5.7 cm-kg (5 inches-lbs)
Notes
(1) With 60 W air cooled heatsink
(2) Without heatsink, free air
PRIMARY CHARACTERISTICS
IF(AV)
25 A
VRRM
600 V, 800 V
IFSM
300 A
IR
5 μA
VF at IF = 12.5 A
0.87 V
TJ max.
175 °C
Package
BU
Diode variations
In-line
+
~
~
-
-
~
~
+
Case Style BU
+
~~
-
isoCink+™
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BU25H06
BU25H08
UNIT
Maximum repetitive peak reverse voltage
VRRM
600
800
V
Average rectified forward current (Fig. 1, 2)
TC = 60 °C (1)
IO
25
A
TA = 25 °C (2)
3.5
Non-repetitive peak forward surge current, 8.3 ms single sine-wave, TJ = 25 °C
IFSM
300
A
Rating for fusing (t < 8.3 ms) TJ = 25 °C
I2t
373
A2s
Operating junction and storage temperature range
TJ, TSTG
-55 to +175
°C


Numéro de pièce similaire - BU25H08-M3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BU25H08-E3 VISHAY-BU25H08-E3 Datasheet
116Kb / 5P
   Enhanced isoCink™ Bridge Rectifiers
Revision: 08-Apr-16
More results

Description similaire - BU25H08-M3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BU25H06-E3 VISHAY-BU25H06-E3 Datasheet
116Kb / 5P
   Enhanced isoCink™ Bridge Rectifiers
Revision: 08-Apr-16
BU2506-E3-51 VISHAY-BU2506-E3-51 Datasheet
107Kb / 6P
   Enhanced isoCink™ Bridge Rectifiers
Revision: 23-Apr-13
PB5006-E3 VISHAY-PB5006-E3 Datasheet
98Kb / 5P
   Enhanced isoCink Bridge Rectifiers
Revision: 26-Jun-13
BU25H06 VISHAY-BU25H06_V01 Datasheet
139Kb / 5P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
PB3006 VISHAY-PB3006_13 Datasheet
94Kb / 6P
   Enhanced isoCink Bridge Rectifiers
Revision: 26-Jun-13
PB5006 VISHAY-PB5006_13 Datasheet
94Kb / 6P
   Enhanced isoCink Bridge Rectifiers
Revision: 26-Jun-13
BU2508-E3 VISHAY-BU2508-E3 Datasheet
111Kb / 6P
   Enhanced isoCink Bridge Rectifiers
Revision: 16-Aug-13
BU1006A VISHAY-BU1006A_V01 Datasheet
150Kb / 6P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
BU1206 VISHAY-BU1206_V01 Datasheet
150Kb / 6P
   Enhanced isoCink??Bridge Rectifiers
01-Jan-2022
PB3506 VISHAY-PB3506_13 Datasheet
94Kb / 6P
   Enhanced isoCink Bridge Rectifiers
Revision: 26-Jun-13
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com