Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-5150 Fiches technique(PDF) 6 Page - Broadcom Corporation.

No de pièce HCPL-5150
Description  0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-5150 Fiches technique(HTML) 6 Page - Broadcom Corporation.

Back Button HCPL-5150 Datasheet HTML 2Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 3Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 4Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 5Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 6Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 7Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 8Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 9Page - Broadcom Corporation. HCPL-5150 Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Broadcom
- 6 -
HCPL-5150 and HCPL-5151,
DLA SMD 5962-04205
Data Sheet
Switching Specifications (AC)
Over recommended operating conditions (TA = –55°C to +125°C, IF(ON) = 10 mA to 18 mA, VF(OFF) = –3.0V to 0.8V, VCC = 15V to 30V,
VEE = Ground) unless otherwise specified.
Parameter
Symbol
Test Conditions
Group A
Subgroupsa
a.
Commercial parts receive 100% testing at 25°C (Subgroups 1 and 9). SMD and Class H parts receive 100% testing at 25°C, 125°C, and –55°C (Subgroups 1 and
9, 2 and 10, 3 and 11, respectively).
Limits
Unit
Fig.
Notes
Min
Typb
b.
All typical values at TA = 25°C and VCC – VEE = 30V, unless otherwise noted.
Max
Propagation Delay Time to High
Output Level
tPLH
Rg = 47Ω,
Cg = 3 nF,
f = 10 kHz,
Duty Cycle = 50%
9, 10, 11
0.10
0.30
0.50
μs
10, 11, 12,
13, 14, 23
c
c.
This load condition approximates the gate load of a 1200V/25A IGBT.
Propagation Delay Time to Low
Output Level
tPHL
9, 10, 11
0.10
0.30
0.50
μs
Pulse Width Distortion
PWD
9, 10, 11
0.3
μs
d
d.
Pulse Width Distortion (PWD) is defined as |tPHL – tPLH| for any given device.
Propagation Delay Difference
Between Any Two Parts
PDD
(tPHL – tPLH)
9, 10, 11
–0.35
0.35
μs
33, 34
e
e.
The difference between tPHL and tPLH between any two HCPL-5150 parts under the same test condition.
Rise Time
tr
—0.1
μs
23
Fall Time
tf
—0.1
μs
UVLO Turn On Delay
tUVLO ON
VO > 5V, IF = 10 mA
0.8
μs
22
UVLO Turn Off Delay
tUVLO OFF
VO < 5V, IF = 10 mA
0.6
Output High-Level Common Mode
Transient Immunity
|CMH|IF = 10 mA, VCC = 30V
VCM = 1000V, TA = 25°C
910
kV/
μs
24
f, g, h
f.
Pins 1 and 4 need to be connected to LED common.
g.
Common mode transient immunity in the high state is the maximum tolerable |dVCM/dt| of the common mode pulse, VCM, to assure that the output remains
in the high state (i.e., VO > 15.0V).
h.
Parameters are tested as part of device initial characterization and after design and process changes. Parameters are guaranteed to limits specified for all lots
not specifically tested.
Output Low-Level Common Mode
Transient Immunity
|CML|VCM = 1000V, VF = 0V,
VCC = 30V, TA = 25°C
910
kV/
μs
f, i, h
i.
Common mode transient immunity in a low state is the maximum tolerable |dVCM/dt| of the common mode pulse, VCM, to assure that the output remains in
a low state (i.e., VO < 1.0V).


Numéro de pièce similaire - HCPL-5150

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150-100 HP-HCPL-5150-100 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150-200 HP-HCPL-5150-200 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150-300 HP-HCPL-5150-300 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Description similaire - HCPL-5150

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-315J HP-HCPL-315J Datasheet
488Kb / 21P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com