Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-5121 Fiches technique(PDF) 2 Page - Broadcom Corporation.

No de pièce HCPL-5121
Description  2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-5121 Fiches technique(HTML) 2 Page - Broadcom Corporation.

  HCPL-5121 Datasheet HTML 1Page - Broadcom Corporation. HCPL-5121 Datasheet HTML 2Page - Broadcom Corporation. HCPL-5121 Datasheet HTML 3Page - Broadcom Corporation. HCPL-5121 Datasheet HTML 4Page - Broadcom Corporation. HCPL-5121 Datasheet HTML 5Page - Broadcom Corporation. HCPL-5121 Datasheet HTML 6Page - Broadcom Corporation. HCPL-5121 Datasheet HTML 7Page - Broadcom Corporation. HCPL-5121 Datasheet HTML 8Page - Broadcom Corporation. HCPL-5121 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Broadcom
- 2 -
HCPL-5120, HCPL-5121, and 5962-04204
Data Sheet
Schematic Diagram
Schematic Diagram
Truth Table
NOTE
A 0.1 μF bypass capacitor must be connected
between pins 5 and 8.
1
3
SHIELD
2
4
8
6
7
5
N/C
CATHODE
ANODE
N/C
VCC
VO
VO
VEE
LED
VCC – VEE
VCC – VEE
VO
Positive
Going
(i.e., Turn-On)
Negative
Going
(i.e., Turn-Off)
OFF
0V to 30V
0V to 30V
LOW
ON
0V to 11V
0V to 9.5V
LOW
ON
11V to 13.5V
9.5V to 12V
TRANSITION
ON
13.5V to 30V
12V to 30V
HIGH
Selection Guide– Lead Configuration Options
Device Marking
Part Number and Options
Commercial
HCPL-5120
MIL-PRF-38534, Class H
HCPL-5121
Standard Lead Finisha
a.
Gold plate lead finish: Maximum gold thickness of leads is <100 micro-inches. Typical is 60 to 90 micro-inches.
Gold Plate
Solder Dippedb
b.
Solder lead finish: Sn63/Pb37.
Option - 200
Butt Cut/Gold Platea
Option - 100
Gull Wing/Solderedb
Option - 300
SMD Part Number
Prescript for all below
5962-
Gold Platea
0420401HPC
Solder Dippedb
0420401HPA
Butt Cut/Gold Platea
0420401HYC
Butt Cut/Solderedb
0420401HYA
Gull Wing/Solderedb
0420401HXA
COMPLIANCE INDICATOR,[1]
DATE CODE, SUFFIX (IF NEEDED)
A
HCPL-512x
5962-04204
01Hxx
50434
COUNTRY OF MFR.
AVAGO CAGE CODE[1]
AVAGO DESIGNATOR
DLA SMD[1]
PIN ONE/
ESD IDENT
AVAGO P/N
DLA SMD[1]
[1] QML PARTS ONLY
XXX
QYYWWZ


Numéro de pièce similaire - HCPL-5121

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-5121 HP-HCPL-5121 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5121 AVAGO-HCPL-5121 Datasheet
161Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5121-100 HP-HCPL-5121-100 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5121-200 HP-HCPL-5121-200 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5121-300 HP-HCPL-5121-300 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
More results

Description similaire - HCPL-5121

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5120 AVAGO-HCPL-5120 Datasheet
161Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120 HP-HCPL-3120 Datasheet
253Kb / 15P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com