Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-5120 Fiches technique(PDF) 4 Page - Broadcom Corporation.

No de pièce HCPL-5120
Description  2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOARDCOM [Broadcom Corporation.]
Site Internet  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-5120 Fiches technique(HTML) 4 Page - Broadcom Corporation.

  HCPL-5120 Datasheet HTML 1Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 2Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 3Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 4Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 5Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 6Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 7Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 8Page - Broadcom Corporation. HCPL-5120 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Broadcom
- 4 -
HCPL-5120, HCPL-5121, and 5962-04204
Data Sheet
Absolute Maximum Ratings
Absolute Maximum Ratings
ESD Classification
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Notes
Storage Temperature
TS
–65
+150
°C
Operating Temperature
TA
–55
+125
°C
Case Temperature
TC
+145
°C
Junction Temperature
TJ
+150
°C
Lead Solder Temperature
260 for 10s
°C
Average Input Current
IF AVG
—25
mA
a
a.
No derating required for typical case-to-ambient thermal resistance (ΘCA = 140°C/W). See Figure 35.
Peak Transient Input Current
(<1-μs pulse width, 300 pps)
IF PK
—1.0
A
Reverse Input Voltage
VR
—5
V
High Peak Output Current
IOH (PEAK)
—2.5
A
b
b.
Maximum pulse width = 10 μs, maximum duty cycle = 0.2%. This value is intended to allow for component tolerances for designs with IO peak minimum =
2.0A. See the Application Information section for additional details on limiting IOH peak.
Low Peak Output Current
IOL (PEAK)
—2.5
A
b
Supply Voltage
(VCC – VEE)0
35
V
Output Voltage
VO (PEAK)
0VCC
V
Emitter Power Dissipation
PE
—45
mW
a
Output Power Dissipation
PO
—250
mW
c
c.
Derate linearly above 102°C free air temperature at a rate of 6 mW/°C for typical case-to-ambient thermal resistance (ΘCA = 140°C/W). See Figure 36.
Total Power Dissipation
PT
—295
mW
d
d.
Derate linearly above 102°C free air temperature at a rate of 6 mW/°C for typical case-to-ambient thermal resistance (ΘCA = 140°C/W). See Figure 35 and
Figure 36.
MIL-STD-883, Method 3015
, Class 1
Parameter
Symbol
Min
Max
Unit
Power Supply Voltage
(VCC – VEE)15
30
V
Input Current (ON)
IF (ON)
10
18
mA
Input Voltage (OFF)
VF (OFF)
–3.0
0.8
V
Operating Temperature
TA
–55
125
°C


Numéro de pièce similaire - HCPL-5120

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5120 AVAGO-HCPL-5120 Datasheet
161Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120-100 HP-HCPL-5120-100 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5120-200 HP-HCPL-5120-200 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5120-300 HP-HCPL-5120-300 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
More results

Description similaire - HCPL-5120

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5120 AVAGO-HCPL-5120 Datasheet
161Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL3120 HP-HCPL3120 Datasheet
490Kb / 18P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3120 HP-HCPL-3120 Datasheet
253Kb / 15P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com