Moteur de recherche de fiches techniques de composants électroniques |
|
TL22SFAW015C Fiches technique(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
TL22SFAW015C Fiches technique(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
6 / 6 page Series TL Fully Illuminated Toggles A131 A www.nkkswitches.com AT527MA Black Hex Nut Use as Face Nut Chrome/Steel AT527M Hex Nut Use as Backup Nut Nickel/Steel AT508 Lockwasher Not to use with Panel Seal Steel with Chromate/Zinc AT401P O-ring Use for Panel Seal Nitrile butadiene rubber Panel Cutouts OPTIONAL HARDWARE STANDARD HARDWARE (0.5) .020 (1.0) .039 (12.1) .476 (15.8) Dia .622 (13.8) Dia .543 M12 P1 (14.0) .551 (16.0) .630 (2.0) .079 (1.5) .059 (12.1) Dia .476 (17.5) Dia .689 (14.0) .551 M12 P1 (16.0) .630 (2.0) .079 Hardware details in Accessories & Hardware section. Maximum Panel Thickness with Standard Hardware: .157” (4.0mm) Maximum Panel Thickness with Standard Hardware & AT401P O-ring: .236” (6.0mm) (12.5) Dia .492 (12.5) Dia .492 (11.5) .453 (1.5) .060 |
Numéro de pièce similaire - TL22SFAW015C |
|
Description similaire - TL22SFAW015C |