Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM27C256-55PI Fiches technique(PDF) 3 Page - Advanced Micro Devices

No de pièce AM27C256-55PI
Description  256 Kilobit (32,768 x 8-Bit) CMOS EPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C256-55PI Fiches technique(HTML) 3 Page - Advanced Micro Devices

  AM27C256-55PI Datasheet HTML 1Page - Advanced Micro Devices AM27C256-55PI Datasheet HTML 2Page - Advanced Micro Devices AM27C256-55PI Datasheet HTML 3Page - Advanced Micro Devices AM27C256-55PI Datasheet HTML 4Page - Advanced Micro Devices AM27C256-55PI Datasheet HTML 5Page - Advanced Micro Devices AM27C256-55PI Datasheet HTML 6Page - Advanced Micro Devices AM27C256-55PI Datasheet HTML 7Page - Advanced Micro Devices AM27C256-55PI Datasheet HTML 8Page - Advanced Micro Devices AM27C256-55PI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AMD
2-34
Am27C256
CONNECTION DIAGRAM
TSOP*
08007H-4
*Contact local AMD sales office for package availability
1
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
32
17
31
30
29
28
27
26
25
24
23
22
21
20
19
18
OE (G)
A11
A9
A8
A13
NC
A14
VCC
VPP
NC
A12
A7
A6
A5
A4
A3
NC
A10
CE (E)
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
VSS
DQ1
DQ0
NC
A0
A1
A2
Standard Pinout
LOGIC SYMBOL
PIN DESIGNATIONS
A0–A14
CE (E)
OE (G)
8
DQ0–DQ7
A0–A14
=
Address Inputs
CE (E)
=
Chip Enable
DQ0–DQ7
=
Data Inputs/Outputs
OE (G)
=
Output Enable Input
VCC
=VCC Supply Voltage
VPP
=
Program Voltage Input
VSS
=
Ground
DU
=
Don’t Use
08007H-5
15


Numéro de pièce similaire - AM27C256-55PI

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM27C256-55PI AMD-AM27C256-55PI Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
More results

Description similaire - AM27C256-55PI

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AMD27C64 AMD-AMD27C64 Datasheet
88Kb / 11P
   64 Kilobit (8,192 x 8-Bit) CMOS EPROM
logo
National Semiconductor ...
NMC27C32B NSC-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Fairchild Semiconductor
NMC27C32B FAIRCHILD-NMC27C32B Datasheet
143Kb / 10P
   32,768-Bit (4096 x 8) CMOS EPROM
logo
Advanced Micro Devices
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
   256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
logo
NEC
UPD43256A NEC-UPD43256A Datasheet
360Kb / 9P
   32,768 X 8-BIT STATIC CMOS RAM
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
   32K x 8-Bit CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com