Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM24LC21S Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce AM24LC21S
Description  Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

AM24LC21S Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  AM24LC21S Datasheet HTML 1Page - List of Unclassifed Manufacturers AM24LC21S Datasheet HTML 2Page - List of Unclassifed Manufacturers AM24LC21S Datasheet HTML 3Page - List of Unclassifed Manufacturers AM24LC21S Datasheet HTML 4Page - List of Unclassifed Manufacturers AM24LC21S Datasheet HTML 5Page - List of Unclassifed Manufacturers AM24LC21S Datasheet HTML 6Page - List of Unclassifed Manufacturers AM24LC21S Datasheet HTML 7Page - List of Unclassifed Manufacturers AM24LC21S Datasheet HTML 8Page - List of Unclassifed Manufacturers AM24LC21S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AM24LC21
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
(Preliminary)
Anachip Corp.
www.anachip.com.tw
Rev 0.0 Aug 10, 2002
5/13
Functional description
1.0 Overview
The AM24LC21 operates in two modes, the
transmit-only mode and the bi-directional mode.
There is a separate two wire protocol to support
each mode, each having a separate clock input and
sharing a common data line (SDA). The device
enters the Transmit-Only Mode upon power-up. In
this mode, the device transmits data bits on the
SDA pin in response to a clock signal on the VCLK
pin. The device will remain in this mode until a valid
high to low transition is placed on the SCL input.
When a valid transition on SCL is recognized, the
device will switch into the bi-directional mode. The
only way to switch the device back to the
transmit-only mode is to remove power from the
device.
2.1 Transmit-only mode
The device will power up in the transmit-only mode.
This mode supports a unidirectional two wire
protocol for trans-mission of the contents of the
memory array. This device requires that it be
initialized prior to valid data being sent in the
transmit-only mode (see Initialization Procedure,
below). In this mode, data is transmitted on the
SDA pin in 8 bit bytes, each followed by a ninth, null
bit (see Figure 2-1). The clock source for the
transmit-only mode is provided on the VCLK pin,
and a data bit is output on the rising edge on this
pin. The eight bits in each byte are transmitted most
significant bit first. Each byte within the memory
array will be output in sequence. When the last byte
in the memory array is transmitted, the output will
wrap around to the first location and continue. The
bi-directional mode clock (SCL) pin must be held
high for the device to remain in the transmit-only
mode.
2.2 Initialization procedure
After VCC has stabilized, the device will be in the
transmit-only mode. Nine clock cycles on the VCLK
pin must be given to the device for it to perform
internal synchronization. During this period, the
SDA pin will be in a high impedance state. On the
rising edge of the tenth clock cycle, the device will
output the first valid data bit which will be the most
significant bit of a byte. The device will power up at
an indeterminate byte address. (Figure 2-2).
SCL
SDA
VCLK
T
VHIGH
T
VLOW
T
VAA
T
VAA
B
IT1(LSB)
N
ULL BIT
B
IT7
B
IT8(MSB)
Figure 2-1. Transmit only mode
SCL
SDA
VCLK
V
CC
T
VAA
T
VAA
B
IT8BIT7
11
10
9
8
2
1
T
VPU
H
IGH IMPEDANCE FOR 9 CLOCK CYCLES
Figure 2-2. Device initialization


Numéro de pièce similaire - AM24LC21S

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AM24LC21B ETC-AM24LC21B Datasheet
219Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21BIN ETC-AM24LC21BIN Datasheet
219Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21BINA ETC-AM24LC21BINA Datasheet
219Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21BIS ETC-AM24LC21BIS Datasheet
219Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21BISA ETC-AM24LC21BISA Datasheet
219Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
More results

Description similaire - AM24LC21S

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AM24LC21B ETC-AM24LC21B Datasheet
219Kb / 13P
   Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
NXP Semiconductors
PCB2421 PHILIPS-PCB2421 Datasheet
112Kb / 24P
   1K dual mode serial EEPROM
1997 Apr 01
logo
Holtek Semiconductor In...
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
logo
ATMEL Corporation
AT24C128C-SSHM-T ATMEL-AT24C128C-SSHM-T Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM 128-Kbit (16,384 x 8)
logo
SHANGHAI BELLING CO., L...
BL93C56 BELLING-BL93C56 Datasheet
595Kb / 12P
   2K bits (256 X 8 or 128 X 16)/ 4K bits (512 X 8 or 256 X 16) Three-wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com