Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M0564LE4AE Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce M0564LE4AE
Description  32-BIT MICROCONTROLLER
Download  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

M0564LE4AE Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button M0564LE4AE Datasheet HTML 2Page - List of Unclassifed Manufacturers M0564LE4AE Datasheet HTML 3Page - List of Unclassifed Manufacturers M0564LE4AE Datasheet HTML 4Page - List of Unclassifed Manufacturers M0564LE4AE Datasheet HTML 5Page - List of Unclassifed Manufacturers M0564LE4AE Datasheet HTML 6Page - List of Unclassifed Manufacturers M0564LE4AE Datasheet HTML 7Page - List of Unclassifed Manufacturers M0564LE4AE Datasheet HTML 8Page - List of Unclassifed Manufacturers M0564LE4AE Datasheet HTML 9Page - List of Unclassifed Manufacturers M0564LE4AE Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 161 page
background image
M0564
May 05, 2017
Page 6 of 161
Rev 1.00
LIST OF FIGURES
Figure 4.2-1 NuMicro
® M0564 Base Series LQFP 48-pin Diagram ............................................... 23
Figure 4.2-2 NuMicro
® M0564 Base Series LQFP 64-pin Diagram ............................................... 24
Figure 4.2-3 NuMicro
® M0564 Base Series LQFP 100-pin Diagram............................................. 25
Figure 5.1-1 NuMicro
® M0564 Block Diagram ............................................................................... 55
Figure 6.1-1 Functional Block Diagram.......................................................................................... 56
Figure 6.2-1 System Reset Sources .............................................................................................. 59
Figure 6.2-2 nRESET Reset Waveform ......................................................................................... 61
Figure 6.2-3 Power-on Reset (POR) Waveform ............................................................................ 62
Figure 6.2-4 Low Voltage Reset (LVR) Waveform......................................................................... 63
Figure 6.2-5 Brown-out Detector (BOD) Waveform ....................................................................... 64
Figure 6.2-6 NuMicro
® M0564 Power Mode State Machine .......................................................... 66
Figure 6.2-7 NuMicro
® M0564 Power Distribution Diagram........................................................... 69
Figure 6.2-8 SRAM Block Diagram ................................................................................................ 72
Figure 6.2-9 SRAM Memory Organization ..................................................................................... 73
Figure 6.2-10 UART1_TXD Modulated with PWM Channel .......................................................... 74
Figure 6.2-11 VDET Block Diagram............................................................................................... 75
Figure 6.3-1 Clock Generator Block Diagram ................................................................................ 82
Figure 6.3-2 Clock Generator Global View Diagram...................................................................... 83
Figure 6.3-3 System Clock Block Diagram .................................................................................... 84
Figure 6.3-4 HXT Stop Protect Procedure ..................................................................................... 85
Figure 6.3-5 SysTick Clock Control Block Diagram ....................................................................... 85
Figure 6.3-6 Clock Source of Clock Output ................................................................................... 86
Figure 6.3-7 Clock Output Block Diagram ..................................................................................... 87
Figure 6.10-1 Hardware Divider Block Diagram ............................................................................ 94
Figure 6.16-22 SPI Timing in Master Mode ................................................................................. 102
Figure 6.16-23 SPI Timing in Master Mode (Alternate Phase of SPIx_CLK) .............................. 102
Figure 6.16-24 SPI Timing in Slave Mode ................................................................................... 103
Figure 6.16-25 SPI Timing in Slave Mode (Alternate Phase of SPIx_CLK) ................................ 103
Figure 6.17-13 PWM Prescale Waveform in Up Count Type ...................................................... 108
Figure 6.17-14 PWM Up Count Type........................................................................................... 108
Figure 6.17-15 PWM Down Count Type ...................................................................................... 109
Figure 6.17-16 PWM Up-Down Count Type ................................................................................ 110
Figure 6.17-17 PWM Comparator Events in Up-Down Count Type ............................................ 111
Figure 6.17-18 Period Loading Mode with Up Count Type.......................................................... 112
Figure 6.17-19 Immediately Loading Mode with Up Count Type................................................. 113
Figure 6.17-20 PWM Pulse Generation in Up-Down Count Type ............................................... 113


Numéro de pièce similaire - M0564LE4AE

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M0564LE4AE NUVOTON-M0564LE4AE Datasheet
2Mb / 139P
   ARM CORTEX짰-M 32-BIT MICROCONTROLLER
More results

Description similaire - M0564LE4AE

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com