Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT28LV64TA-25T Fiches technique(PDF) 9 Page - Catalyst Semiconductor

No de pièce CAT28LV64TA-25T
Description  64K-Bit CMOS PARALLEL EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28LV64TA-25T Fiches technique(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT28LV64TA-25T Datasheet HTML 4Page - Catalyst Semiconductor CAT28LV64TA-25T Datasheet HTML 5Page - Catalyst Semiconductor CAT28LV64TA-25T Datasheet HTML 6Page - Catalyst Semiconductor CAT28LV64TA-25T Datasheet HTML 7Page - Catalyst Semiconductor CAT28LV64TA-25T Datasheet HTML 8Page - Catalyst Semiconductor CAT28LV64TA-25T Datasheet HTML 9Page - Catalyst Semiconductor CAT28LV64TA-25T Datasheet HTML 10Page - Catalyst Semiconductor CAT28LV64TA-25T Datasheet HTML 11Page - Catalyst Semiconductor CAT28LV64TA-25T Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CAT28LV64
9
Doc. No. 1010, Rev. D
HARDWARE DATA PROTECTION
The following is a list of hardware data protection features
that are incorporated into the CAT28LV64.
(1) VCC sense provides for write protection when VCC
falls below 2.0V min.
(2) A power on delay mechanism, tINIT (see AC
characteristics), provides a 5 to 10 ms delay before
a write sequence, after VCC has reached 2.40V min.
(3) Write inhibit is activated by holding any one of OE
low, CE high or WE high.
(4) Noise pulses of less than 20 ns on the WE or CE
inputs will not result in a write cycle.
SOFTWARE DATA PROTECTION
The CAT28LV64 features a software controlled data
protection scheme which, once enabled, requires a data
algorithm to be issued to the device before a write can be
performed. The device is shipped from Catalyst with the
software protection NOT ENABLED (the CAT28LV64 is
in the standard operating mode).
Figure 9. Write Sequence for Activating Software
Data Protection
Figure 10. Write Sequence for Deactivating
Software Data Protection
Note:
(1)
Write protection is activated at this point whether or not any more writes are completed. Writing to addresses must occur within tBLC
Max., after SDP activation.
28LV64 F12
SOFTWARE DATA
PROTECTION ACTIVATED
(1)
WRITE DATA:
XX
WRITE LAST BYTE
TO
LAST ADDRESS
TO ANY ADDRESS
AA
ADDRESS:
1555
WRITE DATA:
55
ADDRESS:
0AAA
WRITE DATA:
A0
ADDRESS:
1555
WRITE DATA:
WRITE DATA:
AA
ADDRESS:
1555
WRITE DATA:
55
ADDRESS:
0AAA
WRITE DATA:
80
ADDRESS:
1555
WRITE DATA:
AA
ADDRESS:
1555
WRITE DATA:
55
ADDRESS:
0AAA
WRITE DATA:
20
ADDRESS:
1555


Numéro de pièce similaire - CAT28LV64TA-25T

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28LV64T13-25T CATALYST-CAT28LV64T13-25T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64T13-30T CATALYST-CAT28LV64T13-30T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64T13-35T CATALYST-CAT28LV64T13-35T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64T13A-25T CATALYST-CAT28LV64T13A-25T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64T13A-30T CATALYST-CAT28LV64T13A-30T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
More results

Description similaire - CAT28LV64TA-25T

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
   CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
CAT28C65B CATALYST-CAT28C65B_05 Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BJ-20 ONSEMI-CAT28C64BJ-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com