Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT28LV64T-20T Fiches technique(PDF) 3 Page - Catalyst Semiconductor

No de pièce CAT28LV64T-20T
Description  64K-Bit CMOS PARALLEL EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28LV64T-20T Fiches technique(HTML) 3 Page - Catalyst Semiconductor

  CAT28LV64T-20T Datasheet HTML 1Page - Catalyst Semiconductor CAT28LV64T-20T Datasheet HTML 2Page - Catalyst Semiconductor CAT28LV64T-20T Datasheet HTML 3Page - Catalyst Semiconductor CAT28LV64T-20T Datasheet HTML 4Page - Catalyst Semiconductor CAT28LV64T-20T Datasheet HTML 5Page - Catalyst Semiconductor CAT28LV64T-20T Datasheet HTML 6Page - Catalyst Semiconductor CAT28LV64T-20T Datasheet HTML 7Page - Catalyst Semiconductor CAT28LV64T-20T Datasheet HTML 8Page - Catalyst Semiconductor CAT28LV64T-20T Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CAT28LV64
3
Doc. No. 1010, Rev. D
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation
of the device at these or any other conditions outside of
those listed in the operational sections of this specifica-
tion is not implied. Exposure to any absolute maximum
rating for extended periods may affect device perfor-
mance and reliability.
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. –55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on Any Pin with
Respect to Ground(2) ........... –2.0V to +VCC + 2.0V
VCC with Respect to Ground ............... –2.0V to +7.0V
Package Power Dissipation
Capability (Ta = 25
°C)................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(3) ........................ 100 mA
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min.
Max.
Units
Test Method
NEND(1)
Endurance
105
Cycles/Byte
MIL-STD-883, Test Method 1033
TDR(1)
Data Retention
100
Years
MIL-STD-883, Test Method 1008
VZAP(1)
ESD Susceptibility
2000
Volts
MIL-STD-883, Test Method 3015
ILTH(1)(4)
Latch-Up
100
mA
JEDEC Standard 17
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns.
(3) Output shorted for no more than one second. No more than one output shorted at a time.
(4) Latch-up protection is provided for stresses up to 100mA on address and data pins from –1V to VCC +1V.
MODE SELECTION
Mode
CE
CE
CE
CE
CE
WE
WE
WE
WE
WE
OE
OE
OE
OE
OE
I/O
Power
Read
L
H
L
DOUT
ACTIVE
Byte Write (WE Controlled)
L
H
DIN
ACTIVE
Byte Write (CE Controlled)
L
H
DIN
ACTIVE
Standby, and Write Inhibit
H
X
X
High-Z
STANDBY
Read and Write Inhibit
X
H
H
High-Z
ACTIVE
CAPACITANCE TA = 25°C, f = 1.0 MHz
Symbol
Test
Max.
Units
Conditions
CI/O(1)
Input/Output Capacitance
10
pF
VI/O = 0V
CIN(1)
Input Capacitance
6
pF
VIN = 0V


Numéro de pièce similaire - CAT28LV64T-20T

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT28LV64T13-25T CATALYST-CAT28LV64T13-25T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64T13-30T CATALYST-CAT28LV64T13-30T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64T13-35T CATALYST-CAT28LV64T13-35T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64T13A-25T CATALYST-CAT28LV64T13A-25T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64T13A-30T CATALYST-CAT28LV64T13A-30T Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
More results

Description similaire - CAT28LV64T-20T

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT28C64BL12 ONSEMI-CAT28C64BL12 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64B ONSEMI-CAT28C64B Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BN-20 ONSEMI-CAT28C64BN-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C64BP-20 ONSEMI-CAT28C64BP-20 Datasheet
93Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
CAT28C65BP12 ONSEMI-CAT28C65BP12 Datasheet
81Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1009, Rev. H
logo
Catalyst Semiconductor
CAT28LV65 CATALYST-CAT28LV65_05 Datasheet
74Kb / 12P
   64K-Bit CMOS PARALLEL EEPROM
CAT28C64B CATALYST-CAT28C64B_05 Datasheet
415Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
Seiko Instruments Inc
S-2860B SII-S-2860B Datasheet
971Kb / 18P
   CMOS 64K-bit PARALLEL EEPROM
logo
Catalyst Semiconductor
CAT28C65B CATALYST-CAT28C65B_05 Datasheet
418Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C64BJ-20 ONSEMI-CAT28C64BJ-20 Datasheet
78Kb / 13P
   64K-Bit CMOS PARALLEL EEPROM
Doc. No. MD-1011, Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com