Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHCT1G66GV Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74AHCT1G66GV
Description  Bilateral switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHCT1G66GV Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74AHCT1G66GV Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G66GV Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G66GV Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G66GV Datasheet HTML 10Page - NXP Semiconductors 74AHCT1G66GV Datasheet HTML 11Page - NXP Semiconductors 74AHCT1G66GV Datasheet HTML 12Page - NXP Semiconductors 74AHCT1G66GV Datasheet HTML 13Page - NXP Semiconductors 74AHCT1G66GV Datasheet HTML 14Page - NXP Semiconductors 74AHCT1G66GV Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
2002 Jun 06
11
Philips Semiconductors
Product specification
Bilateral switch
74AHC1G66; 74AHCT1G66
AC CHARACTERISTICS
Type 74AHC1G66
GND = 0 V; tr =tf ≤ 3ns.
Note
1. Typical values are measured at VCC = 2.0 V; VCC = 3.3 V or VCC = 5.0 V and Tamb =25 °C.
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
CL
(pF)
25
−40 to +85
−40 to +125
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
VCC = 2.0 V; RL =1kΩ; note 1
tPHL/tPLH
propagation delay
Vis to Vos
see Figs 13 and 16 50
2.2
5.0
6.0
7.0
ns
tPZH/tPZL
turn-on time
EtoVos
see Figs 14 and 16 15
7.0
25.0
33.0
40.0
ns
50
11.0
35.0
46.0
57.0
ns
tPHZ/tPLZ
turn-off time
EtoVos
see Figs 14 and 16 15
9.0
25.0
33.0
40.0
ns
50
13.0
35.0
46.0
57.0
ns
VCC = 3.0 to 3.6 V; RL =1kΩ; note 1
tPHL/tPLH
propagation delay
Vis to Vos
see Figs 13 and 16 50
1.0
2.0
3.0
4.0
ns
tPZH/tPZL
turn-on time
EtoVos
see Figs 14 and 16 15
4.0
11.0
14.0
18.0
ns
50
5.8
15.0
20.0
25.0
ns
tPHZ/tPLZ
turn-off time
EtoVos
see Figs 14 and 16 15
6.0
11.0
14.0
18.0
ns
50
8.4
15.0
20.0
25.0
ns
VCC = 4.5 to 5.5 V; RL =1kΩ; note 1
tPHL/tPLH
propagation delay
Vis to Vos
see Figs 13 and 16 50
0.6
1.0
2.0
3.0
ns
tPZH/tPZL
turn-on time
EtoVos
see Figs 14 and 16 15
3.0
8.0
10.0
13.0
ns
50
4.4
11.0
13.0
17.0
ns
tPHZ/tPLZ
turn-off time
EtoVos
see Figs 14 and 16 15
5.0
8.0
10.0
13.0
ns
50
6.1
11.0
13.0
17.0
ns


Numéro de pièce similaire - 74AHCT1G66GV

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHCT1G66GV NXP-74AHCT1G66GV Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
74AHCT1G66GV NXP-74AHCT1G66GV Datasheet
128Kb / 17P
   74AHC1G66; 74AHCT1G66 Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74AHCT1G66GV NEXPERIA-74AHCT1G66GV Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74AHCT1G66GV-Q100 NEXPERIA-74AHCT1G66GV-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66GV-Q100 NEXPERIA-74AHCT1G66GV-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
More results

Description similaire - 74AHCT1G66GV

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
   Bilateral switch
2002 May 15
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
   Bilateral switch
Rev. 5-16 June 2010
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
   Bilateral switch
Rev. 12 - 12 January 2022
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
   Bilateral switch
Rev. 02-28 August 2007
logo
Unisonic Technologies
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
   BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
   BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
   Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
   BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66_08 Datasheet
147Kb / 24P
   Bilateral switch
Rev. 04-1 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com