Moteur de recherche de fiches techniques de composants électroniques |
|
7-1377174-3 Fiches technique(PDF) 8 Page - TE Connectivity Ltd |
|
7-1377174-3 Fiches technique(HTML) 8 Page - TE Connectivity Ltd |
8 / 24 page Rectangular Tongue Terminals PIDG Pre-Insulated Diamond Grip Section Catalog 1654376-1 Issued 4-2010. Main Catalog 1654400-1 Chapter 37 – Issued 4-2010. All specifications subject to change. Consult TE Connectivity for latest specifications. 37-8 Spade Tongue Terminals 4 .237 .404 .810 1.015 .195 .140 327962 — 22–16 .033 6.02 10.26 20.57 25.78 4.95 3.56 (0.26–1.65) 0.84 6 .237 .404 .810 1.015 .195 .140 2-327956-1 — M3.5 6.02 10.26 20.57 25.78 4.95 3.56 6 .244 .312 .716 .856 .125 .170 33173 — 16–14 .033 M3.5 6.20 7.92 18.19 21.74 3.18 4.32 (1.04–2.62) 0.84 8 .302 .465 .872 1.109 .227 .150 2-327946-4 — M4 7.67 11.81 22.15 28.17 5.77 3.81 5 .277 .277 .889 1.042 .143 .230 327954 — 12–10 .042 M3 7.04 7.04 22.58 26.47 3.63 5.84 (2.62–6.64) 1.07 6 .237 .404 .998 1.203 .195 .230 2-327960-1 — M3.5 6.02 10.26 25.35 30.56 4.95 5.84 Note: “C” dimension applies from edge of metal wire barrel to center of stud hole. Material and Finish Insulation: Nylon acc. UL 94 V-2 Terminal Body and Metallic Sleeve: Copper per ASTM B-152 except where noted Plating: Tin per ASTM B-545 26–24 .029 6 .250 .211 .632 .709 .072 .095 – - 53115-2 (0.12–0.24) 0.74 M3.5 6.35 5.36 16.05 18.01 1.83 2.41 26–22 .020 4 .203 .211 .542 .627 .076 .082 321035 2-321035-1 (0.10–0.41) 0.51 5.16 5.36 13.77 15.93 1.93 2.08 2 .182 .203 .607 .727 .115 .140 – 2-328394-1 M2 4.62 5.16 15.42 18.47 2.92 3.56 .218 .156 .560 .674 .109 .125 1-327717-0 – 4 5.54 3.96 14.22 17.12 2.77 3.18 .218 .156 .560 .674 .109 .140 327717 – 5.54 3.96 14.22 17.12 2.77 3.56 .297 .203 .607 .753 .141 .125 34080 2-34080-1 22–16 .033 6 7.54 5.16 15.42 19.13 3.58 3.18 (0.26–1.65) 0.84 M3.5 .297 .203 .607 .753 .141 .140 – 2-326861-1 7.54 5.16 15.42 19.13 3.58 3.56 8 .375 .312 .716 .908 .187 .125 32050 – M4 9.53 7.92 18.19 23.06 4.75 3.18 .375 .312 .716 .908 .187 .125 32051 2-32051-1 10 9.53 7.92 18.19 23.06 4.75 3.18 .375 .312 .716 .908 .187 .140 32054 2-32054-1 9.53 7.92 18.19 23.06 4.75 3.56 6 .297 .203 .607 .753 .141 .170 – 2-35559-1 16–14 .033 M3.5 7.54 5.16 15.42 19.13 3.58 4.32 (1.04–2.62) 0.84 .385 .312 .716 .908 .187 .170 – 2-32060-1 10 9.78 7.92 18.19 23.06 4.75 4.32 6.312 .296 .887 1.095 .203 .230 – 2-326859-1 M3.5 7.92 7.52 22.53 27.81 5.16 5.84 .406 .296 .887 1.095 .203 .230 – 2-32588-1 12–10 .042 8 10.31 7.52 22.53 27.81 5.16 5.84 (2.62–6.64) 1.07 M4 .406 .296 .887 1.095 .203 .250 35152 – 10.31 7.52 22.53 27.81 5.16 6.35 10 .406 .296 .887 1.095 .203 .230 – 2-32589-1 10.31 7.52 22.53 27.81 5.16 5.84 Note: “C” dimension applies from edge of metal wire barrel to center of stud hole. Material and Finish Insulation: Nylon acc. UL 94 V-2 Terminal Body and Metallic Sleeve: Copper per ASTM B-152 except where noted Plating: Tin per ASTM B-545 L E W C X L E W C X Wire Size AWG (mm2) Terminal Insulation Color Wire Insulation Diameter Max. Tongue Material Thickness Max. Stud Size Dimensions WC E L X Min. Max. Max. Part Numbers Loose Tape Piece Mounted Wire Size AWG (mm2) Terminal Insulation Color Wire Insulation Diameter Max. Tongue Material Thickness Max. Stud Size Dimensions WC E L X Min. Max. Max. Part Numbers Loose Tape Piece Mounted |
Numéro de pièce similaire - 7-1377174-3 |
|
Description similaire - 7-1377174-3 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |