Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0-1377175-8 Fiches technique(PDF) 2 Page - TE Connectivity Ltd

No de pièce 0-1377175-8
Description  Pre-Insulated Diamond Grip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

0-1377175-8 Fiches technique(HTML) 2 Page - TE Connectivity Ltd

  0-1377175-8 Datasheet HTML 1Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 2Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 3Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 4Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 5Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 6Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 7Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 8Page - TE Connectivity Ltd 0-1377175-8 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AWG Identification Numbers
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-2
The International AWG
Identification Numbers
Each TE Connectivity Terminal
and Splice covers specific inter-
national wire range and has the
applicable wire size marked on
the tongue or the barrel. Insulated
terminals and splices are color
coded for easy identification. All
application tools have a special
matching control system.
With this technique the quality
of the termination made can be
reliably checked at any time.
During crimping the application
tooling marks a proper visual
code on the terminal or insula-
tion sleeve. If the code of the ter-
minal and the mark of the
tool are corresponding, a reliable
termination with the correct too-
ling has been made.
Cross Reference of AWG Code Numbers to Wire Size Range
26–22
0.10–
0.40
0.14/0.20/0.25/0.35
22–16
0.25–
1.60
0.35/0.50/0.75/1.00/1.50
16–14
1.00–
2.60
1.00/1.50/2.50
16–14 HD,
1.00–
2.60
1.00/1.50/2.50
12–10
2.70–
6.60
4.00/6.00
8
6.70– 10.50
10.0
6
10.60– 16.70
16.0
4
16.80– 26.60
25.0
2
26.70– 42.40
35.0
1/0
42.50– 60.50
50.0
2/0
60.60– 76.20
70.0
3/0
76.30– 97.00
95.0
4/0
98.00–120.00
120.0
250–300 MCM
121.00–151.00
150.0
300–350 MCM
152.00–192.00
185.0
400–350 MCM
193.00–242.00
240.0
500–600 MCM
243.00–304.00
300.0
, ) Heavy-duty terminals use AWG 12–10 (2.7–6.6 mm2) tooling.
AWG Code Number
Wire Size Range (mm2)
for DIN Cross Section (mm2)
Minimum Number of Wires, Diameter of Conductor for Insulated High Current Conductors
Wire Size Range
Number and Diameter of Wires
Diameter of Conductor
Wire Size Range
Number and Diameter of Wires
Diameter of Conductor
(mm2)
(mm)
(mm)
(mm2)
(mm)
(mm)
1 x 0.42
0.42
00.14
18 x 0.10
8 x 0.15
1 x 0.50
0.50
00.20
11 x 0.15
26 x 0.10
1 x 0.60
0.60
00.25
14 x 0.15
1 x 0.67
0.67
00.35
7 x 0.26
0.80
12 x 0.21
0.90
1 x 0.80
0.80
00.50
7 x 0.30
0.90
16 x 0.21
1.00
1 x 1.00
1.00
0
0.75
24 x 0.20
1.20
1 x 1.13
1.13
0
1.00
32 x 0.20
1.30
1 x 1.38
1.38
01.50
7 x 0.52
1.60
30 x 0.25
1.60
1 x 1.78
1.78
02.50
7 x 0.67
2.00
50 x 0.25
2.10
1 x 2.26
2.26
04.00
19 x 0.52
2.60
56 x 0.30
2.80
1 x 2.26
2.26
06.00
19 x 0.64
3.20
84 x 0.30
3.50
1 x 3.57
3.57
7 x 1.35
4.10
10.00
49 x 0.51
4.60
80 x 0.40
5.00
1 x 4.52
4.52
7 x 1.70
5.10
16.00
49 x 0.65
5.90
127 x 0.40
6.00
0.00
0.00
1 x 5.64
5.64
7 x 2.13
6.40
025.0
84 x 0.62
7.70
200 x 0.40
7.50
797 x 0.20
7.60
19 x 1.53
7.70
133 x 0.58
8.70
035.0
280 x 0.40
8.70
1115 x 0.20
9.00
19 x 1.83
9.20
133 x 0.69
10.40
0
50.0
400 x 0.40
11.00
1592 x 0.20
11.00
19 x 2.17
11.00
189 x 0.69
12.70
070.0
560 x 0.40
12.00
1427 x 0.25
12.50
19 x 2.52
12.60
259 x 0.69
14.50
0
95.0
485 x 0.50
14.90
1936 x 0.25
14.90
37 x 2.03
14.20
336 x 0.67
16.40
120.0
614 x 0.50
16.00
2445 x 0.25
16.40
37 x 2.26
15.80
392 x 0.69
18.00
150.0
765 x 0.50
19.20
2123 x 0.30
19.30
37 x 2.52
18.00
494 x 0.69
19.00
185.0
944 x 0.44
20.00
2618 x 0.30
21.00
61 x 2.24
20.50
627 x 0.69
22.00
240.0
1225 x 0.50
23.00
3396 x 0.30
24.00
61 x 2.50
23.00
300.0
790 x 0.69
25.00
1530 x 0.50
27.00


Numéro de pièce similaire - 0-1377175-8

FabricantNo de pièceFiches techniqueDescription
logo
Jauch Quartz Gmbh
0-13.0-JT21CT-A-K-1.8 JAUCH-0-13.0-JT21CT-A-K-1.8 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-K-2.5 JAUCH-0-13.0-JT21CT-A-K-2.5 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-K-3.0 JAUCH-0-13.0-JT21CT-A-K-3.0 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-K-3.3 JAUCH-0-13.0-JT21CT-A-K-3.3 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
0-13.0-JT21CT-A-P-1.8 JAUCH-0-13.0-JT21CT-A-P-1.8 Datasheet
463Kb / 2P
   Oscillator JT21CT · TCXO
25072022-18
More results

Description similaire - 0-1377175-8

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
logo
Rosenberger Hochfrequen...
SLHG001-C01 ROSENBERGER-SLHG001-C01 Datasheet
99Kb / 1P
   Pre-laced hoisting grip
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
   TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
logo
List of Unclassifed Man...
18RA-6 ETC2-18RA-6 Datasheet
60Kb / 1P
   Vinyl Insulated Ring . Insulation Grip
logo
Tyco Electronics
34101 MACOM-34101 Datasheet
40Kb / 1P
   WIRE TERMINAL DIAMOND GRIP SLOTTED RING TONGUE WIRE SIZE:22-16
logo
IDEAL-TEK SA
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
   High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
   Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
   Diamond coated Tweezers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com