Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8XC552 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce 8XC552
Description  80C51 FAMILY DERIVATIVES
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

8XC552 Fiches technique(HTML) 4 Page - NXP Semiconductors

  8XC552 Datasheet HTML 1Page - NXP Semiconductors 8XC552 Datasheet HTML 2Page - NXP Semiconductors 8XC552 Datasheet HTML 3Page - NXP Semiconductors 8XC552 Datasheet HTML 4Page - NXP Semiconductors 8XC552 Datasheet HTML 5Page - NXP Semiconductors 8XC552 Datasheet HTML 6Page - NXP Semiconductors 8XC552 Datasheet HTML 7Page - NXP Semiconductors 8XC552 Datasheet HTML 8Page - NXP Semiconductors 8XC552 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
Philips Semiconductors
80C51 Family Derivatives
8XC552/562 overview
1996 Aug 06
4
Table 1.
8XC552 Special Function Registers
SYMBOL
DESCRIPTION
DIRECT
ADDRESS
BIT ADDRESS, SYMBOL, OR ALTERNATIVE PORT FUNCTION
MSB
LSB
RESET
VALUE
ACC*
Accumulator
E0H
E7
E6
E5
E4
E3
E2
E1
E0
00H
ADCH#
A/D converter high
C6H
xxxxxxxxB
ADCON#
Adc control
C5H
ADC.1
ADC.0
ADEX
ADCI
ADCS
AADR2
AADR1
AADR0
xx000000B
B*
B register
F0H
F7
F6
F5
F4
F3
F2
F1
F0
00H
CTCON#
Capture control
EBH
CTN3
CTP3
CTN2
CTP2
CTN1
CTP1
CTN0
CTP0
00H
CTH3#
Capture high 3
CFH
xxxxxxxxB
CTH2#
Capture high 2
CEH
xxxxxxxxB
CTH1#
Capture high 1
CDH
xxxxxxxxB
CTH0#
Capture high 0
CCH
xxxxxxxxB
CMH2#
Compare high 2
CBH
00H
CMH1#
Compare high 1
CAH
00H
CMH0#
Compare high 0
C9H
00H
CTL3#
Capture low 3
AFH
xxxxxxxxB
CTL2#
Capture low 2
AEH
xxxxxxxxB
CTL1#
Capture low 1
ADH
xxxxxxxxB
CTL0#
Capture low 0
ACH
xxxxxxxxB
CML2#
Compare low 2
ABH
00H
CML1#
Compare low 1
AAH
00H
CML0#
Compare low 0
A9H
00H
DPTR:
DPH
DPL
Data pointer
(2 bytes)
Data pointer high
Data pointer low
83H
82H
00H
00H
AF
AE
AD
AC
AB
AA
A9
A8
IEN0*#
Interrupt enable 0
A8H
EA
EAD
ES1
ES0
ET1
EX1
ET0
EX0
00H
EF
EE
ED
EC
EB
EA
E9
E8
IEN1*#
Interrupt enable 1
E8H
ET2
ECM2
ECM1
ECM0
ECT3
ECT2
ECT1
ECT0
00H
BF
BE
BD
BC
BB
BA
B9
B8
IP0*#
Interrupt priority 0
B8H
PAD
PS1
PS0
PT1
PX1
PT0
PX0
x0000000B
FF
FE
FD
FC
FB
FA
F9
F8
IP1*#
Interrupt priority 1
F8H
PT2
PCM2
PCM1
PCM0
PCT3
PCT2
PCT1
PCT0
00H
P5#
Port 5
C4H
ADC7
ADC6
ADC5
ADC4
ADC3
ADC2
ADC1
ADC0
xxxxxxxxB
C7
C6
C5
C4
C3
C2
C1
C0
P4#
Port 4
C0H
CMT1
CMT0
CMSR5
CMSR4
CMSR3
CMSR2
CMSR1
CMSR0
FFH
B7
B6
B5
B4
B3
B2
B1
B0
P3*
Port 3
B0H
RD
WR
T1
T0
INT1
INT0
TXD
RXD
FFH
A7
A6
A5
A4
A3
A2
A1
A0
P2*
Port 2
A0H
A15
A14
A13
A12
A11
A10
A9
A8
FFH
97
96
95
94
93
92
91
90
P1*
Port 1
90H
SDA
SCL
RT2
T2
CT3I
CT2I
CT1I
CT0I
FFH
87
86
85
84
83
82
81
80
P0*
Port 0
80H
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
FFH
PCON#
Power control
87H
SMOD
WLE
GF1
GF0
PD
IDL
00xx0000B
D7
D6
D5
D4
D3
D2
D1
D0
PSW*
Program status word
D0H
CY
AC
F0
RS1
RS0
OV
F1
P
00H
*
SFRs are bit addressable.
#
SFRs are modified from or added to the 80C51 SFRs.


Numéro de pièce similaire - 8XC552

FabricantNo de pièceFiches techniqueDescription
logo
Intel Corporation
8XC51 INTEL-8XC51 Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
8XC51 NXP-8XC51 Datasheet
238Kb / 32P
   80C51 8-bit microcontroller family 128/256 byte RAM ROMless low voltage (2.7 V–5.5 V), low power, high speed (33 MHz)
2000 Aug 07
8XC51FA PHILIPS-8XC51FA Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
8XC51FA PHILIPS-8XC51FA Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
8XC51FB PHILIPS-8XC51FB Datasheet
233Kb / 58P
   Low power single card reader
2003 Oct 30
More results

Description similaire - 8XC552

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
P83C660X2 PHILIPS-P83C660X2 Datasheet
574Kb / 102P
   80C51 8-bit microcontroller family
2003 Oct 02
P89C51RB2HXX PHILIPS-P89C51RB2HXX Datasheet
314Kb / 56P
   80C51 8-bit Flash microcontroller family
2002 May 24
P89C51RD2 PHILIPS-P89C51RD2 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
P89C60X2 PHILIPS-P89C60X2 Datasheet
342Kb / 56P
   80C51 8-bit Flash microcontroller family
2003 Sep 11
P89C660 PHILIPS-P89C660 Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
P89C51X2 PHILIPS-P89C51X2 Datasheet
319Kb / 48P
   80C51 8-bit Flash microcontroller family
2002 Jun 05
P87C51MB2 PHILIPS-P87C51MB2 Datasheet
394Kb / 34P
   80C51 8-bit microcontroller family with extended memory
2001 Apr 06
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com