Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NTE1390 Datasheet(Fiches technique) 1 Page - NTE Electronics

Numéro de pièce NTE1390
Description  Integrated Circuit Audio Power Amplifier, 12W for Car Radio or Car Stereo
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo 

   
 1 page
background image
NTE1390 & NTE1391
Integrated Circuit
Audio Power Amplifier, 12W
for Car Radio or Car Stereo
Features:
D High Gain: 51dB Typ., HIgh Power Output: 12W Typ.
D Low Number of External Components Required
D Low Noise During Power ON/OFF Operation
D Soft Tonal Quality in Saturated Power Output
D Low Distortion Over Low to High Audio Frequency Range
D Low Residual Noise: Rg = 0
D Built–In Audio Muting Circuits: AC Mute & DC Mute
D Built–In Protection Circuits:
Thermal
Overvoltage and Surge Voltage
Load Short–Circuit Current Limiting
Output Pins DC Short–Circuit
D NTE1391 is Mirror Image Pinout of NTE1390
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Supply Voltage, VCCmax
Quiescent (30sec)
25V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
With Signal
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Current, I10peak
Instantaneous Value Duty
≤ 5%, Pulse Width ≤ 1ms Flow–In Only
4.5A
. . . . . . . . . . . . . . . . .
Output Current, I7, I9peak
Instantaneous Value Duty
≤ 5%, Pulse Width ≤ 1ms
4.5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Surge Supply Voltage (t
≤ 0.2sec), Vsurge
50V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Dissipation (TC = +75°C), PDmax
25W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
3
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions: (TA = +25°C unless otherwise specified)
Recommended Supply Voltage, VCC
13.2V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Load Resistance, RL
4
Ω to 8Ω
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .




Html Pages

1  2  3 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
NTE1388Integrated Circuit Audio Power Amplifier 5.8W for Car Radio Car Stereo 1 2 3 NTE Electronics
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
KIA7217APBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 5.8W AUDIO POWER AMPLIFIER CAR STEREO CAR RADIO OUTPUT 1 2 3 4 KEC(Korea Electronics)
NTE1370Integrated Circuit Audio Power Amplifier 5.8W for Car Radio 1 2 NTE Electronics
LA446012W AF Power Amplifier For Car Radio or Car Stereo 1 2 3 4 5 Sanyo Semicon Device
NTE1375Integrated Circuit Audio Power Amp for Car Radio 5.8W 1 2 NTE Electronics
NTE1232Integrated Circuit Audio Amplifier for Car Radio 8W 1 2 3 NTE Electronics
NTE7100Integrated Circuit Protector IC for Stereo Power Amplifier 1 2 NTE Electronics
NTE1470Integrated Circuit Audio Power Amp 2.5W for Table Top Stereo 1 2 NTE Electronics
NTE13945.5W Dual Power Amplifier Car Radio Car Stereo Output Audio Power Amplifier 1 2 NTE Electronics

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl