Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2792 Fiches technique(PDF) 5 Page - Rohm

No de pièce 2SK2792
Description  Switching (600V, 4A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

2SK2792 Fiches technique(HTML) 5 Page - Rohm

  2SK2792 Datasheet HTML 1Page - Rohm 2SK2792 Datasheet HTML 2Page - Rohm 2SK2792 Datasheet HTML 3Page - Rohm 2SK2792 Datasheet HTML 4Page - Rohm 2SK2792 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Appendix
Appendix1-Rev1.0
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document use silicon as a basic material.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


Numéro de pièce similaire - 2SK2792

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SK2791 SANYO-2SK2791 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
Rohm
2SK2793 ROHM-2SK2793 Datasheet
141Kb / 4P
   Switching (500V, 5A)
logo
Hitachi Semiconductor
2SK2795 HITACHI-2SK2795 Datasheet
40Kb / 6P
   Silicon N Channel MOS FET UHF Power Amplifier
2SK2796 HITACHI-2SK2796 Datasheet
54Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SK2796 RENESAS-2SK2796 Datasheet
95Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Description similaire - 2SK2792

FabricantNo de pièceFiches techniqueDescription
logo
Shindengen Electric Mfg...
D4F60-5063 SHINDENGEN-D4F60-5063 Datasheet
395Kb / 3P
   600V 4A
logo
Hi-Sincerity Mocroelect...
HST04 HSMC-HST04 Datasheet
130Kb / 4P
   TRIAC 600V,4A
logo
SemiHow Co.,Ltd.
HTM4-600 SEMIHOW-HTM4-600 Datasheet
338Kb / 6P
   600V 4A TRIAC
HTD4-600 SEMIHOW-HTD4-600 Datasheet
211Kb / 6P
   600V 4A TRIAC
HTX4-600 SEMIHOW-HTX4-600 Datasheet
266Kb / 6P
   600V 4A TRIAC
HTC4-600 SEMIHOW-HTC4-600 Datasheet
338Kb / 6P
   600V 4A TRIAC
HTU4-600 SEMIHOW-HTU4-600 Datasheet
322Kb / 5P
   600V 4A TRIAC
logo
Intersil Corporation
RURD460 INTERSIL-RURD460 Datasheet
28Kb / 3P
   4A, 600V Ultrafast Diodes
logo
Fairchild Semiconductor
ISL9R460P2 FAIRCHILD-ISL9R460P2 Datasheet
142Kb / 6P
   4A, 600V Stealth??Diode
RURD460 FAIRCHILD-RURD460 Datasheet
371Kb / 5P
   4A, 600V Ultrafast Diodes
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com