Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


NTE1388 Datasheet(Fiches technique) 1 Page - NTE Electronics

Numéro de pièce NTE1388
Description  Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio, Car Stereo
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo 

   
 1 page
background image
NTE1388
Integrated Circuit
Audio Power Amplifier, 5.8W,
for Car Radio, Car Stereo
Features:
D High Gain (52dB. Typ) and High Output (5.8W Typ)
D Soft Clip
D Few External Components
D Built–In Thermal Cutoff Circuit Protects Against Load Short, Overload
D Built–In Pop Noise Prevention Circuit Protects Against Power Supply ON Noise
D May Be Used for Bridge Amplifier Applications (PO = 18W, RL = 4Ω)
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Supply Voltage, VCCmax
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Output Current (Pin1: Sink, Pin8: Source, Pin10: Sink, Note 1), IO
4.5A
. . . . . . . . . . . .
Surge Supply Voltage (t
≤ 0.2sec), Vsurge
40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Dissipation, PDmax
7W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. 100 x 100 x 1.5mm3 Al heat sink used.
Recommended Operating Conditions: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Recommended Supply Voltage
VCC
13.2
V
Load Resistance
RL
4




Html Pages

1  2  3 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
KIA7217APBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC 5.8W AUDIO POWER AMPLIFIER CAR STEREO CAR RADIO OUTPUT 1 2 3 4 KEC(Korea Electronics)
NTE1390Integrated Circuit Audio Power Amplifier 12W for Car Radio or Car Stereo 1 2 3 NTE Electronics
NTE1370Integrated Circuit Audio Power Amplifier 5.8W for Car Radio 1 2 NTE Electronics
NTE1802Integrated Circuit Power Amplifier for Car Stereo Radio 12W/Ch or 24W BTL 1 2 3 4 NTE Electronics
NTE1375Integrated Circuit Audio Power Amp for Car Radio 5.8W 1 2 NTE Electronics
NTE1166Integrated Circuit Module Hybrid Audio Output 5.8W for Car Radio & CB 1 2 NTE Electronics
NTE1232Integrated Circuit Audio Amplifier for Car Radio 8W 1 2 3 NTE Electronics
NTE1155Integrated Circuit Audio Power Amplifier 5.8W 1 2 NTE Electronics
KIA3281HBIPOLAR LINEAR INTEGRATED CIRCUIT 5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
NTE7100Integrated Circuit Protector IC for Stereo Power Amplifier 1 2 NTE Electronics

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl