Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT98R068-1 Fiches technique(PDF) 45 Page - Holtek Semiconductor Inc

No de pièce HT98R068-1
Description  Two Way Radio 8-Bit MCU
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT98R068-1 Fiches technique(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT98R068-1_13 Datasheet HTML 41Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 42Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 43Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 44Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 45Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 46Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 47Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 48Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 116 page
background image
Rev. 1.10
44
�e���a�� 1�� �01�
Rev. 1.10
45
�e���a�� 1�� �01�
HT98R068-1
Two Way Radio 8-Bit MCU
HT98R068-1
Two Way Radio 8-Bit MCU
PFD Output
The PFD function output is pin-shared with an I/O pin. The output function of this pin is chosen
using the CTRL0 register. Note that the corresponding bit of the port control register, must setup the
pin as an output to enable the PFD output. If the port control register has setup the pin as an input,
then the pin will function as a normal logic input with the usual pull-high selection, even if the PFD
function has been selected.
A/D Inputs
The device has 8 inputs to the A/D converter. All of these analog inputs are pin-shared with I/O pins.
If these pins are to be used as A/D inputs and not as I/O pins then the corresponding PCRn bits in
the ANCSR0 registers, must be properly setup. There are no configuration options associated with
the A/D converter. If chosen as I/O pins, then full pull-high resistor configuration options remain,
however if used as A/D inputs then any pull-high resistor configuration options associated with these
pins will be automatically disconnected.
Audio Processor Pins
Pins PB4~PB7 on Port B can be used as Audio processor I/O pins. This function is controlled using
the SPICR register.
Pin Remapping Configuration
The pin remapping function enables the function pins INT, TMR0 and PFD to be located on
different port pins. It is important not to confuse the Pin Remapping function with the Pin-shared
function, these two functions have no interdependence.
The PCFG bit in the CTRL0 register allows the three function pins INT, TMR0 and PFD to be
remapped to different port pins. After power up, this bit will be reset to zero, which will define the
default port pins to which these three functions will be mapped. Changing this bit will move the
functions to other port pins. Examination of the pin names on the package diagrams will reveal that
some pin function names are repeated, this indicates a function pin that can be remapped to other
port pins. If the pin name is bracketed then this indicates its alternative location. Pin names without
brackets indicates its default location which is the condition after Power-on.
PCFG Bit Status
PCFG Bit
0
1
Pin Mapping
INT/PA�
TMR0/PA�
P�D/PA1
INT/PB4
TMR0/PB5
P�D/PB6


Numéro de pièce similaire - HT98R068-1_13

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
More results

Description similaire - HT98R068-1_13

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
   Analog Two Way Radio IC
Rev.1.0
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com