Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT82B42R Fiches technique(PDF) 31 Page - Holtek Semiconductor Inc

No de pièce HT82B42R
Description  I/O MCU with USB Interface
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B42R Fiches technique(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT82B42R_14 Datasheet HTML 27Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 28Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 29Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 30Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 31Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 32Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 33Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 34Page - Holtek Semiconductor Inc HT82B42R_14 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
Rev. 1.10
30
�ove��e� 0�� �01�
Rev. 1.10
31
�ove��e� 0�� �01�
HT82B42R/HT82B42RE
I/O MCU with USB Interface
TMR0C Register
Bit
7
6
5
4
3
2
1
0
�a�e
T0M1
T0M0
T0O�
T0E
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
1
Bit7,6
T0M1,T0M0:Timer0operationmodeselection
00:nomodeavailable
01:eventcountermode
10:timermode
11:pulsewidthcapturemode
Bit5
Unimplemented
Bit4
T0ON:Timer/EventCountercountingenable
0:disable
1:enable
Bit3
T0E:
EventCounteractiveedgeselection
0:countonrisingedge
1:countonfallingedge
PulseWidthCaptureactiveedgeselection
0:startcountingonfallingedge,stoponrisingedge
1:startcountingonrisingedge,stoponfallingedge
Bit2~0
Unimplemented
TMR1C Register
Bit
7
6
5
4
3
2
1
0
�a�e
T1M1
T1M0
T1O�
T1E
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
1
Bit7,6
T1M1,T1M0:Timer1operationmodeselection
00:nomodeavailable
01:eventcountermode
10:timermode
11:pulsewidthcapturemode
Bit5
Unimplemented
Bit4
T1ON:Timer/EventCountercountingenable
0:disable
1:enable
Bit3
T1E:
EventCounteractiveedgeselection
0:countonrisingedge
1:countonfallingedge
PulseWidthCaptureactiveedgeselection
0:startcountingonfallingedge,stoponrisingedge
1:startcountingonrisingedge,stoponfallingedge
Bit2~0
Unimplemented


Numéro de pièce similaire - HT82B42R_14

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT82B42RE HOLTEK-HT82B42RE Datasheet
3Mb / 86P
   I/O MCU with USB Interface
More results

Description similaire - HT82B42R_14

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_11 Datasheet
392Kb / 58P
   I/O MCU with USB Interface
HT82B42R HOLTEK-HT82B42R Datasheet
3Mb / 86P
   I/O MCU with USB Interface
HT82B60R HOLTEK-HT82B60R Datasheet
489Kb / 70P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_14 Datasheet
370Kb / 54P
   I/O 8-Bit MCU with USB Interface
HT68FB30 HOLTEK-HT68FB30 Datasheet
208Kb / 26P
   Enhanced I/O Flash Type 8-Bit MCU with EEPROM & USB Interface
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT82A525R HOLTEK-HT82A525R_16 Datasheet
385Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com