Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT56RB688 Fiches technique(PDF) 25 Page - Holtek Semiconductor Inc

No de pièce HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Fiches technique(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 21Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 22Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 23Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 24Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 25Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 26Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 27Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 28Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 164 page
background image
· Location 020H
This vector is reserved for the A/D Converter interrupt. If the completion of an A/D conversion
occurs, the program will jump to this location and begin execution if the external interrupt is enabled
and the stack is not full.
· Location 024H
This internal vector is used by the Multi-function 0 Interrupt. The Multi-function 0 Interrupt vector
is shared by several internal functions such as a Serial Interface Module 0 interrupt, an active edge
appearing on the External Peripheral interrupt pin, a Time Base overflow or a Real Time Clock
overflow. The program will jump to this location and begin execution if the relevant interrupt is
enabled and the stack is not full.
· Location 028H
This internal vector is used by the Multi-function 1 Interrupt. The Multi-function 1 Interrupt vector
is shared by several internal functions such as a Serial Interface Module 1 interrupt, a Timer/Event
Counter 2 or a Timer/Event Counter 3 overflow. The program will jump to this location and begin
execution if the relevant interrupt is enabled and the stack is not full.
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.10
25
April 15, 2013
0 1 4 H
0 0 0 H
0 0 4 H
0 0 8 H
0 0 C H
0 1 0 H
0 1 8 H
N o t I m p l e m e n t e d
B F F F H
1 6 b i t s
I n i t i a l i s a t i o n
V e c t o r
S m a r t C a r d
I n t e r r u p t V e c t o r
E x t e r n a l I n t e r r u p t 0
V e c t o r
T i m e r / E v e n t C o u n t e r 0
I n t e r r u p t V e c t o r
U S B
I n t e r r u p t V e c t o r
E x t e r n a l I n t e r r u p t 1
V e c t o r
T i m e r / E v e n t C o u n t e r 1
I n t e r r u p t V e c t o r
0 1 C H
7 0 0 H
7 F F H
8 0 0 H
1 F F F H
2 0 0 0 H
0 2 4 H
0 2 0 H
0 2 8 H
M u l t i - F u n c t i o n 0
I n t e r r u p t V e c t o r
A / D c o n v e r s i o n c o m p l e t i o n
I n t e r r u p t V e c t o r
M u l t i - F u n c t i o n 1
I n t e r r u p t V e c t o r
0 2 C H
S m a r t C a r d I n s e r t i o n / R e m o v a l
I n t e r r u p t V e c t o r
Program Memory Structure


Numéro de pièce similaire - HT56RB688_13

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT56RB688 HOLTEK-HT56RB688 Datasheet
964Kb / 164P
   TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
More results

Description similaire - HT56RB688_13

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT56RB688 HOLTEK-HT56RB688 Datasheet
964Kb / 164P
   TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
HT56RB27 HOLTEK-HT56RB27 Datasheet
938Kb / 153P
   TinyPowerTM A/D Type Smart Card OTP MCU with DAC, ISO 7816 and USB Interfaces
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT45R4U HOLTEK-HT45R4U Datasheet
4Mb / 105P
   TinyPowerTM A/D Type e-Banking ASSP OTP MCU with LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com