Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT48R068B Fiches technique(PDF) 12 Page - Holtek Semiconductor Inc

No de pièce HT48R068B
Description  Enhanced I/O 8-Bit OTP MCU
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R068B Fiches technique(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT48R068B_15 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 11Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 12Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 118 page
background image
Rev. 1.30
1�
�e���a�� 0�� �01�
Rev. 1.30
13
�e���a�� 0�� �01�
HT48R068B/HT48R069B
Enhanced I/O 8-Bit OTP MCU
HT48R068B/HT48R069B
Enhanced I/O 8-Bit OTP MCU
D.C. Characteristics
Ta=��°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Ope�ating Voltage
fSYS=4MHz
�.�
�.�
V
fSYS=8MHz
3.0
�.�
V
fSYS=1�MHz
4.�
�.�
V
IDD1
Ope�ating C���ent
(HXT� HIRC� ERC)
3V
No load� fSYS=4MHz
0.8
1.�
mA
�V
1.�
�.��
mA
IDD�
Ope�ating C���ent
(HXT� HIRC� ERC)
3V
No load� fSYS=8MHz
1.4
�.1
mA
�V
�.8
4.�
mA
IDD3
Ope�ating C���ent
(HXT� HIRC� ERC)
�V No load� fSYS=1�MHz
4
6
mA
IDD4
Ope�ating C���ent
(HIRC + LXT� Slow Mode)
3V No load� fSYS=3�768Hz
(LXT on OSC1/OSC��
LVR disa�led� LXTLP=1)
10
μA
�V
1�
�4
μA
3V No load� fSYS=3�768Hz
(LXT on XT1/XT��
LVR disa�led� LXTLP=1)
10
μA
�V
10
�0
μA
ISTB1
Stand�� C���ent
(LIRC On� LXT Off)
3V
No load� s�stem HALT
μA
�V
10
μA
ISTB�
Stand�� C���ent
(LIRC Off� LXT Off)
3V
No load� s�stem HALT
1
μA
�V
μA
ISTB3
Stand�� C���ent
(LIRC Off� LXT On� LXTLP=1)
3V No load� s�stem HALT
(LXT on OSC1/OSC�)
μA
�V
10
μA
3V No load� s�stem HALT
(LXT on XT1/XT�)
3
μA
�V
μA
VIL1
Inp�t Low Voltage fo� I/O�
TCn and INT
0
0.3VDD
V
VIH1
Inp�t High Voltage fo� I/O�
TCn and INT
0.7VDD
VDD
V
VIL�
Inp�t Low Voltage (RES)
0
0.4VDD
V
VIH�
Inp�t High Voltage (RES)
0.9VDD
VDD
V
VLVR1
Low Voltage Reset 1
VLVR=4.�V
3.98
4.�
4.4�
V
VLVR�
Low Voltage Reset �
VLVR=3.1�V
�.98
3.1�
3.3�
V
VLVR3
Low Voltage Reset 3
VLVR=�.1V
1.98
�.1
�.��
V
VLVD1
Low Voltage Detecto� Voltage 1
VLVD= 4.4 V
4.1�
4.4
4.70
V
VLVD�
Low Voltage Detecto� Voltage
VLVD= 3.3 V
3.1�
3.3
3.�0
V
VLVD�
Low Voltage Detecto� Voltage3
VLVD= 2.2 V
�.08
�.�
�.3�
V
IOL1
I/O Po�t Sink C���ent
(PA� PB� PC� PD� PE� P�� PG� PH)
3V
VOL=0.1VDD
4
8
mA
�V
10
�0
mA
IOH
I/O Po�t So��ce C���ent
3V
VOH=0.9VDD
-�
-4
mA
�V
-�
-10
mA
IOL�
PA7 Sink C���ent
�V VOL=0.1VDD
3
mA
RPH
P�ll-high Resistance
3V
�0
60
100
�V
10
30
�0
ISCOM
SCOM Ope�ating C���ent
�V
SCOMC� ISEL[1:0]=00
17.�
��.0
3�.�
μA
SCOMC� ISEL[1:0]=01
3�
�0
6�
μA
SCOMC� ISEL[1:0]=10
70
100
130
μA
SCOMC� ISEL[1:0]=11
140
�00
�60
μA
VSCOM VDD/� Voltage fo� LCD COM
�V No load
0.47�
0.�00
0.���
VDD
Note:Thestandbycurrent(ISTB1~ISTB3)andIDD4aremeasuredwithallI/OpinsininputmodeandtiedtoVDD.


Numéro de pièce similaire - HT48R068B_15

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
More results

Description similaire - HT48R068B_15

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_10 Datasheet
631Kb / 94P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
   Enhanced I/O Type 8-bit OTP MCU with OPA
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com