Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT48R068B Fiches technique(PDF) 54 Page - Holtek Semiconductor Inc

No de pièce HT48R068B
Description  Enhanced I/O 8-Bit OTP MCU
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R068B Fiches technique(HTML) 54 Page - Holtek Semiconductor Inc

Back Button HT48R068B_15 Datasheet HTML 50Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 51Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 52Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 53Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 54Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 55Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 56Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 57Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 58Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 118 page
background image
Rev. 1.30
�4
�e���a�� 0�� �01�
Rev. 1.30
��
�e���a�� 0�� �01�
HT48R068B/HT48R069B
Enhanced I/O 8-Bit OTP MCU
HT48R068B/HT48R069B
Enhanced I/O 8-Bit OTP MCU
TMR0C Register
Bit
7
6
5
4
3
2
1
0
Name
T0M1
T0M0
T0S
T0ON
T0EG
T0PSC� T0PSC1 T0PSC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
1
0
0
0
Bit7,6
T0M1, T0M0:Timer0operationmodeselection
00:nomodeavailable
01:eventcountermode
10:timermode
11:pulsewidthcapturemode
Bit5
T0S:timerclocksource
0:fSYS
1:LXToscillator
T0SselectstheclocksourceforfTPwhichisprovidedforTimer0~2,theTime-Base
andthePWM.IfthePWMisenabled,thenfSYSwillbeselected,overridingtheT0S
selection.
Bit4
T0ON:Timer/eventcountercountingenable
0:disable
1:enable
Bit3
T0EG:
Eventcounteractiveedgeselection
0:countonraisingedge
1:countonfallingedge
PulseWidthCaptureactiveedgeselection
0:startcountingonfallingedge,stoponraisingedge
1:startcountingonraisingedge,stoponfallingedge
Bit2~0
T0PSC2, T0PSC1, T0PSC0:Timerprescalerrateselection
Timerinternalclock=
000:fTP
001:fTP/2
010:fTP/4
011:fTP/8
100:fTP/16
101:fTP/32
110:fTP/64
111:fTP/128


Numéro de pièce similaire - HT48R068B_15

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
More results

Description similaire - HT48R068B_15

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_10 Datasheet
631Kb / 94P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
   Enhanced I/O Type 8-bit OTP MCU with OPA
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com