Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT46R068B Fiches technique(PDF) 12 Page - Holtek Semiconductor Inc

No de pièce HT46R068B
Description  Enhanced A/D 8-Bit OTP MCU
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R068B Fiches technique(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT46R068B_15 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 135 page
background image
Rev. 1.50
1�
�e���a�� 05� �015
Rev. 1.50
13
�e���a�� 05� �015
HT46R068B/HT46R069B
Enhanced A/D 8-Bit OTP MCU
HT46R068B/HT46R069B
Enhanced A/D 8-Bit OTP MCU
Pin Name
Function
OPT
I/T
O/T
Descriptions
P��~P�7
P�n
P�PU
ST CMOS Gene�al p��pose I/O. Registe� ena�led p�ll-�p.
PG0~PG7
PGn
PGPU
ST CMOS Gene�al p��pose I/O. Registe� ena�led p�ll-�p.
PH0~PH5
PHn
PHPU
ST CMOS Gene�al p��pose I/O. Registe� ena�led p�ll-�p.
VDD
VDD
PWR
Powe� s�ppl�
VSS
VSS
PWR
G�o�nd
Note:I/T:Inputtype;O/T:Outputtype
OPT:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power;CO:Configurationoption
ST:SchmittTriggerinput;CMOS:CMOSoutput;
AN:Analoginputoroutput
SCOM:SoftwarecontrolledLCDCOM
HXT:Highfrequencycrystaloscillator
LXT:Lowfrequencycrystaloscillator
Absolute Maximum Ratings
SupplyVoltage................................................................................................VSS-0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS-0.3VtoVDD+0.3V
IOLTotal
.................................................................................................. 100mA
TotalPowerDissipation........................................................................................................ 500mW
StorageTemperature..................................................................................................-50°Cto125°C
OperatingTemperature................................................................................................-40°Cto85°C
IOHTotal
................................................................................................ -100mA
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder“Absolute
MaximumRatings”maycausesubstantialdamagetothedevice.Functionaloperationof
thisdeviceatotherconditionsbeyondthoselistedinthespecificationisnotimpliedand
prolongedexposuretoextremeconditionsmayaffectdevicereliability.
D.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Ope�ating Voltage
fSYS=4MHz
�.�
5.5
V
fSYS=8MHz
3.0
5.5
V
fSYS=1�MHz
4.5
5.5
V
IDD1
Ope�ating C���ent
(HXT� HIRC� ERC)
3V
No load� fSYS=4MHz
0.8
1.�
mA
5V
1.5
�.�5
mA
IDD�
Ope�ating C���ent
(HXT� HIRC� ERC)
3V
No load� fSYS=8MHz
1.4
�.1
mA
5V
�.8
4.�
mA
IDD3
Ope�ating C���ent
(HXT� HIRC� ERC)
5V No load� fSYS=1�MHz
4
6
mA
IDD4
Ope�ating C���ent
(HIRC + LXT� Slow Mode)
3V No load� fSYS=3�768Hz
(LXT on OSC1/OSC��
LVR disa�led� LXTLP=1)
5
10
μA
5V
1�
�4
μA
3V No load� fSYS=3�768Hz
(LXT on XT1/XT��
LVR disa�led� LXTLP=1)
5
10
μA
5V
10
�0
μA


Numéro de pièce similaire - HT46R068B_15

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
More results

Description similaire - HT46R068B_15

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064_13 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064B HOLTEK-HT46R064B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664_12 Datasheet
3Mb / 94P
   Enhanced A/DLCD Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664 Datasheet
3Mb / 92P
   Enhanced A/DLCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com