Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT46R0042 Fiches technique(PDF) 7 Page - Holtek Semiconductor Inc

No de pièce HT46R0042
Description  Cost-Effective A/D 8-Bit OTP MCU
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R0042 Fiches technique(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT46R0042 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R0042 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
Rev. 1.00
6
��to�e� ��� �01�
Rev. 1.00
��to�e� ��� �01�
HT46R0042
Cost-Effective A/D 8-Bit OTP MCU
HT46R0042
Cost-Effective A/D 8-Bit OTP MCU
Pin Description
Pin Name
Function
OPT
I/T
O/T
Description
PA0/INT/AN0
PA0
PAPU
PAWU
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up and wake-up.
INT
INTC0
CTRL0
ST
Exte�nal inte��upt input
AN0
ADCR1
AN
Analog input �hannel 0
PA1/AN1
PA1
PAPU
PAWU
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up and wake-up.
AN1
ADCR1
AN
Analog input �hannel 1
PA�/AN�
PA�
PAPU
PAWU
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up and wake-up.
AN�
ADCR1
AN
Analog input �hannel �
PA3/AN3
PA3
PAPU
PAWU
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up and wake-up.
AN3
ADCR1
AN
Analog input �hannel 3
PA�/PWM/AN6
PA�
PAPU
PAWU
CTRL0
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up and wake-up.
PWM
CTRL0
CM�S PWM output
AN6
ADCR1
AN
Analog input �hannel 6
PA5/AN�
PA5
PAPU
PAWU
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up and wake-up.
AN�
ADCR1
AN
Analog input �hannel �
PA6
PA6
PAPU
PAWU
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up and wake-up.
PA�
PA�
PAWU
PAPU
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up and wake-up.
PB0
PB0
PBPU
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up.
PB1/SC�M0
PB1
PBPU
SC�MC
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up.
SC�M0
SC�MC
SC�M LCD d�ive� output fo� LCD panel �ommon
PB�/RES
PB�
EXTRESB ST NM�S Gene�al pu�pose I/�.
RES
EXTRESB ST
Reset input
PB3/PFD/TMR
PB3
PBPU
CTRL0
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up.
PFD
CTRL0
CM�S PFD output
TMR
TMRC
ST
Time�/Event �ounte� input
PB�/SC�M1
PB�
PBPU
SC�MC
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up.
SC�M1
SC�MC
SC�M LCD d�ive� output fo� LCD panel �ommon
PB5/SC�M�
PB5
PBPU
SC�MC
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up.
SC�M�
SC�MC
SC�M LCD d�ive� output fo� LCD panel �ommon
PB6/SC�M3
PB6
PBPU
SC�MC
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up.
SC�M3
SC�MC
SC�M LCD d�ive� output fo� LCD panel �ommon
PB�
PB�
PBPU
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up.
PC0/AN5
PC0
PCPU
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up.
AN5
ADCR1
AN
Analog input �hannel 5
PC1/AN�
PC1
PCPU
ST CM�S Gene�al pu�pose I/�. Registe� ena�led pull-up.
AN�
ADCR1
AN
Analog input �hannel �


Numéro de pièce similaire - HT46R0042

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
More results

Description similaire - HT46R0042

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com