Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT46R004 Fiches technique(PDF) 17 Page - Holtek Semiconductor Inc

No de pièce HT46R004
Description  Cost-Effective A/D 8-Bit OTP MCU
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R004 Fiches technique(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT46R004 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
Rev. 1.30
1�
�an�a�� ��� �01�
Rev. 1.30
17
�an�a�� ��� �01�
HT46R004
Cost-Effective A/D 8-Bit OTP MCU
Special Purpose Data Memory
This area of Data Memory is where registers, necessary for the correct operation of the
microcontroller,arestored.Mostoftheregistersarebothreadableandwriteablebutsomeare
protectedandarereadableonly,thedetailsofwhicharelocatedundertherelevantSpecialFunction
Registersection.Notethatforlocationsthatareunused,anyreadinstructiontotheseaddresseswill
returnthevalue“00H”.
00 H
01 H
02 H
03 H
04 H
05 H
06 H
07 H
08 H
09 H
0A H
0B H
0C H
0D H
0E H
0F H
10 H
11 H
12 H
13 H
14 H
15 H
16 H
17 H
18 H
19 H
1A H
1B H
1C H
1D H
1E H
1F H
IA R0
MP 0
IA R1
MP 1
EXT R ESB
AC C
PC L
TB LP
TB LH
WD TS
ST AT US
IN TC 0
TM R0
TM R0 C
AD RL
AD RH
PA
PA C
PAP U
PAW U
PB
PB C
PBP U
PC
PC C
PC PU
CT RL 0
AC SR
WD TL VR C
A DCR 0
A DCR 1
PW M
Special Purpose Data Memory


Numéro de pièce similaire - HT46R004

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results

Description similaire - HT46R004

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com