Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT46R004 Fiches technique(PDF) 70 Page - Holtek Semiconductor Inc

No de pièce HT46R004
Description  Cost-Effective A/D 8-Bit OTP MCU
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R004 Fiches technique(HTML) 70 Page - Holtek Semiconductor Inc

Back Button HT46R004 Datasheet HTML 66Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 67Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 68Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 69Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 70Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 71Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 72Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 73Page - Holtek Semiconductor Inc HT46R004 Datasheet HTML 74Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
Rev. 1.30
70
�an�a�� ��� �01�
Rev. 1.30
71
�an�a�� ��� �01�
HT46R004
Cost-Effective A/D 8-Bit OTP MCU
JMP addr
Jumpunconditionally
Description
ThecontentsoftheProgramCounterarereplacedwiththespecifiedaddress.Program
executionthencontinuesfromthisnewaddress.Asthisrequirestheinsertionofadummy
instructionwhilethenewaddressisloaded,itisatwocycleinstruction.
Operation
ProgramCounter←addr
Affectedflag(s)
None
MOV A,[m]
MoveDataMemorytoACC
Description
ThecontentsofthespecifiedDataMemoryarecopiedtotheAccumulator.
Operation
ACC←[m]
Affectedflag(s)
None
MOV A,x
MoveimmediatedatatoACC
Description
TheimmediatedataspecifiedisloadedintotheAccumulator.
Operation
ACC←x
Affectedflag(s)
None
MOV [m],A
MoveACCtoDataMemory
Description
ThecontentsoftheAccumulatorarecopiedtothespecifiedDataMemory.
Operation
[m]←ACC
Affectedflag(s)
None
NOP
Nooperation
Description
Nooperationisperformed.Executioncontinueswiththenextinstruction.
Operation
Nooperation
Affectedflag(s)
None
OR A,[m]
LogicalORDataMemorytoACC
Description
DataintheAccumulatorandthespecifiedDataMemoryperformabitwise
logicalORoperation.TheresultisstoredintheAccumulator.
Operation
ACC←ACC″OR″[m]
Affectedflag(s)
Z
OR A,x
LogicalORimmediatedatatoACC
Description
DataintheAccumulatorandthespecifiedimmediatedataperformabitwiselogicalOR
operation.TheresultisstoredintheAccumulator.
Operation
ACC←ACC″OR″x
Affectedflag(s)
Z
ORM A,[m]
LogicalORACCtoDataMemory
Description
DatainthespecifiedDataMemoryandtheAccumulatorperformabitwiselogicalOR
operation.TheresultisstoredintheDataMemory.
Operation
[m]←ACC″OR″[m]
Affectedflag(s)
Z
RET
Returnfromsubroutine
Description
TheProgramCounterisrestoredfromthestack.Programexecutioncontinuesattherestored
address.
Operation
ProgramCounter←Stack
Affectedflag(s)
None


Numéro de pièce similaire - HT46R004

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results

Description similaire - HT46R004

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com