Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT46R002 Fiches technique(PDF) 42 Page - Holtek Semiconductor Inc

No de pièce HT46R002
Description  Cost-Effective A/D 8-Bit OTP MCU
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R002 Fiches technique(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT46R002 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 83 page
background image
Rev. 1.21
42
April 11, 2017
Rev. 1.21
43
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
In cr em en t
Ti me r C ont ro ll er
Pr e sca le r Ou t put
Ti me r + 1
Ti me r + 2
Ti me r + NT im er + N + 1
Timer Mode Timing Chart
Event Counter Mode
Inthismode,anumberofexternallychanginglogicevents,occurringontheexternaltimerTMR
pin,canberecordedbytheTimer/EventCounter.Tooperateinthismode,theOperatingMode
Selectbitpair,T0M1/T0M0,intheTimerControlRegistermustbesettothecorrectvalueas
shown.
Bit7
Bit6
0
1
Control Register Operating Mode Select Bits for the Timer Mode
Inthismode,theexternaltimerTMRpin,isusedastheTimer/EventCounterclocksource,however
itisnotdividedbytheinternalprescaler.AftertheotherbitsintheTimerControlRegisterhavebeen
set,theenablebitT0ON,whichisbit4oftheTimerControlRegister,canbesethightoenablethe
Timer/EventCountertorun.IftheActiveEdgeSelectbit,T0EG,whichisbit3oftheTimerControl
Register,islow,theTimer/EventCounterwillincrementeachtimetheexternaltimerpinreceivesa
lowtohightransition.IftheT0EGishigh,thecounterwillincrementeachtimetheexternaltimer
pinreceivesahightolowtransition.Whenitisfullandoverflows,aninterruptsignalisgenerated
andtheTimer/EventCounterwillreloadthevaluealreadyloadedintothepreloadregisterand
continuecounting.TheinterruptcanbedisabledbyensuringthattheTimer/EventCounterInterrupt
EnablebitinthecorrespondingInterruptControlRegister.Itisresettozero.
AstheexternaltimerpinissharedwithanI/Opin,toensurethatthepinisconfiguredtooperateas
aneventcounterinputpin,twothingshavetohappen.ThefirstistoensurethattheOperatingMode
SelectbitsintheTimerControlRegisterplacetheTimer/EventCounterintheEventCounting
Mode.Thesecondistoensurethattheportcontrolregisterconfiguresthepinasaninput.Itshould
benotedthatintheeventcountingmode,evenifthemicrocontrollerisintheSleepMode,the
Timer/EventCounterwillcontinuetorecordexternallychanginglogiceventsonthetimerinput
TMRpin.Asaresultwhenthetimeroverflowsitwillgenerateatimerinterruptandcorresponding
wake-upsource.
Ti me r+ 2
Ex te rn al E ve nt
In cr em en t
Ti me r C oun te r
Ti me r+ 3
Ti me r+ 1
Event Counter Mode Timing Chart (T0EG=1)


Numéro de pièce similaire - HT46R002

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R005 HOLTEK-HT46R005 Datasheet
383Kb / 62P
   Small Package 8-Bit OTP MCU
HT46R005 HOLTEK-HT46R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
More results

Description similaire - HT46R002

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com