Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT45R4U Fiches technique(PDF) 42 Page - Holtek Semiconductor Inc

No de pièce HT45R4U
Description  TinyPowerTM A/D Type e-Banking ASSP OTP MCU with LCD
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R4U Fiches technique(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT45R4U Datasheet HTML 38Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 39Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 40Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 41Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 42Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 43Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 44Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 45Page - Holtek Semiconductor Inc HT45R4U Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 105 page
background image
Rev. 1.10
4�
�a��� 1�� �01�
Rev. 1.10
43
�a��� 1�� �01�
HT45R4U
TinyPowerTM A/D Type
e-Banking ASSP OTP MCU with LCD
Bit3
TnEG:EventCounteractiveedgeselect
0:countonrisingedge
1:countonfallingedge
PulseWidthMeasurementactiveedgeselect
0:startcountingonfallingedge,stoponrisingedge
1:startcountingonrisingedge,stoponfallingedge
Bit2~0
TnPSC[2:0]:Timerprescalerrateselect
000:1:1
001:1:2
010:1:4
011:1:8
100:1:16
101:1:32
110:1:64
111:1:128
Configuring the Timer Mode
Inthismode,theTimer/EventCountercanbeutilisedtomeasurefixedtimeintervals,providing
aninternalinterruptsignaleachtimetheTimer/EventCounteroverflows.Tooperateinthismode,
theOperatingModeSelectbitpair,TnM1/TnM0,intheTimerControlRegistermustbesettothe
correctvalueasshown.ControlRegisterOperatingModeSelectBitsfortheTimerMode
Bit7
Bit6
1
0
Inthismodetheinternalclock,fSYS,isusedastheinternalclockfor8-bitTimer/EventCounters.
However,theclocksource,fSYS,forthe8-bittimerisfurtherdividedbyaprescaler,thevalueof
whichisdeterminedbythePrescalerRateSelectbitsTnPSC2~TnPSC0,whicharebits2~0in
theTimerControlRegister.AftertheotherbitsintheTimerControlRegisterhavebeensetup,the
enablebitTnONorTnON,whichisbit4oftheTimerControlRegister,canbesethightoenable
theTimer/EventCountertorun.Eachtimeaninternalclockcycleoccurs,theTimer/EventCounter
incrementsbyone.Whenitisfullandoverflows,aninterruptsignalisgeneratedandtheTimer/
EventCounterwillreloadthevaluealreadyloadedintothepreloadregisterandcontinuecounting.
TheinterruptcanbedisabledbyensuringthattheTimer/EventCounterInterruptEnablebitinthe
correspondingInterruptControlRegister,isresettozero.
In cr em en t
Ti me r Co nt ro ll er
Pr e sca le r Ou t put
Ti me r + 1
Ti me r + 2
Ti me r + NT im er + N + 1
Timer Mode Timing Chart


Numéro de pièce similaire - HT45R4U

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
   A/D Type 8-Bit OTP MCU
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
HT45R2K-A HOLTEK-HT45R2K-A Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-A HOLTEK-HT45R2K-A Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-B HOLTEK-HT45R2K-B Datasheet
1Mb / 105P
   Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
More results

Description similaire - HT45R4U

FabricantNo de pièceFiches techniqueDescription
logo
Holtek Semiconductor In...
HT56R66 HOLTEK-HT56R66_12 Datasheet
745Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT82R732 HOLTEK-HT82R732 Datasheet
436Kb / 74P
   e-Banking 8-Bit OTP MCU
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R67 HOLTEK-HT56R67_10 Datasheet
696Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R67 HOLTEK-HT56R67_12 Datasheet
758Kb / 104P
   TinyPowerTM A/D Type with LCD 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com