Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA110B-XXYG-PF Fiches technique(PDF) 3 Page - LIGITEK electronics co., ltd.

No de pièce LA110B-XXYG-PF
Description  LED ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGITEK [LIGITEK electronics co., ltd.]
Site Internet  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LA110B-XXYG-PF Fiches technique(HTML) 3 Page - LIGITEK electronics co., ltd.

  LA110B-XXYG-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LA110B-XXYG-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LA110B-XXYG-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LA110B-XXYG-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LA110B-XXYG-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LA110B-XXYG-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LA110B-XXYG-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LA110B-XXYG-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LA110B-XXYG-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LA110B/XXYG-PF
PART NO. LA110B/XXYG-PF
138
8.0
20
1.7
2.6
565
30
Green
GaP
Yellow Diffused
G
120
100
10
30
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
UNIT
mA
mW
μA
mA
Y
Symbol
Ratings
Parameter
Absolute Maximum Ratings at Ta=25
80
60
IFP
PD
Ir
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Forward Current
IF
20
Page 2/8
-40 ~ +100
Tstg
Storage Temperature
Forward
voltage
@20mA(V)
COLOR
Typical Electrical & Optical Characteristics (Ta=25
)
Luminous
intensity
@10mA(mcd)
20
138
Max. Min.
Min.
8.0
2.6
35
1.7
Emitted
Lens
585
Yellow
GaAsP/GaP
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typ.
Peak
wave
length
λPnm
Spectral
halfwidth
△λnm
Viewing
angle
2
θ 1/2
(deg)
PART NO
MATERIAL
Operating Temperature
-40 ~ +85
Topr
Green Diffused
V
8000
ESD
Electrostatic Discharge( * )
º
K/W
430
Rth g-c
Thermal Resistance


Numéro de pièce similaire - LA110B-XXYG-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA110B-XXXG-PF LIGITEK-LA110B-XXXG-PF Datasheet
134Kb / 6P
   LED ARRAY
LA110B-XXXY-PF LIGITEK-LA110B-XXXY-PF Datasheet
134Kb / 6P
   LED ARRAY
More results

Description similaire - LA110B-XXYG-PF

FabricantNo de pièceFiches techniqueDescription
logo
LIGITEK electronics co....
LA16B-DBK-S21 LIGITEK-LA16B-DBK-S21 Datasheet
102Kb / 5P
   LED ARRAY
LA16B-DGM-S30-PF LIGITEK-LA16B-DGM-S30-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-EG-S26 LIGITEK-LA16B-EG-S26 Datasheet
115Kb / 6P
   LED ARRAY
LA16B-G-S2-PF LIGITEK-LA16B-G-S2-PF Datasheet
114Kb / 6P
   LED ARRAY
LA16B-H-PF LIGITEK-LA16B-H-PF Datasheet
106Kb / 6P
   LED ARRAY
LA16B-H-S1 LIGITEK-LA16B-H-S1 Datasheet
101Kb / 5P
   LED ARRAY
LA16B-H-S1-PF LIGITEK-LA16B-H-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S1-PF LIGITEK-LA16B-Y-S1-PF Datasheet
107Kb / 6P
   LED ARRAY
LA16B-Y-S22 LIGITEK-LA16B-Y-S22 Datasheet
101Kb / 5P
   LED ARRAY
LA17B-10H LIGITEK-LA17B-10H Datasheet
69Kb / 5P
   LED ARRAY
LA29B-1-4VGX-PF LIGITEK-LA29B-1-4VGX-PF Datasheet
109Kb / 6P
   LED ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com