Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD48288209AF1 Fiches technique(PDF) 44 Page - Renesas Technology Corp

No de pièce UPD48288209AF1
Description  288M-BIT Low Latency DRAM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD48288209AF1 Fiches technique(HTML) 44 Page - Renesas Technology Corp

Back Button UPD48288209AF1 Datasheet HTML 40Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 41Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 42Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 43Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 44Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 45Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 46Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 47Page - Renesas Technology Corp UPD48288209AF1 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
µµµµPD48288209AF1, µµµµPD48288218AF1, µµµµPD48288236AF1
R10DS0254EJ0101 Rev. 1.01
Page 44 of 53
Jan. 15, 2016
JTAG AC Test Conditions
Input waveform
Output waveform
Output load condition
VIH(AC) MIN.
VIL(AC) MAX.
Rise Time:
2 V/ns
Fall Time:
2 V/ns
VDDQ
VSS
VDDQ / 2
VDDQ / 2
Test Points
10pF
TDO
50Ω
VTT
Test point


Numéro de pièce similaire - UPD48288209AF1

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
UPD48288209AFF-E18-DW1 RENESAS-UPD48288209AFF-E18-DW1 Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E18-DW1-A RENESAS-UPD48288209AFF-E18-DW1-A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E24-DW1 RENESAS-UPD48288209AFF-E24-DW1 Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E24-DW1-A RENESAS-UPD48288209AFF-E24-DW1-A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288209AFF-E25-DW1 RENESAS-UPD48288209AFF-E25-DW1 Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
More results

Description similaire - UPD48288209AF1

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
UPD48288118AF1 RENESAS-UPD48288118AF1 Datasheet
1Mb / 52P
   288M-BIT Low Latency DRAM
UPD48288209-A RENESAS-UPD48288209-A Datasheet
862Kb / 50P
   288M-BIT Low Latency DRAM Common I/O
Feb 01, 2013
UPD48288118-A RENESAS-UPD48288118-A Datasheet
843Kb / 48P
   288M-BIT Low Latency DRAM Separate I/O
Feb 01, 2013
UPD48576118F1 RENESAS-UPD48576118F1 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM
UPD48576209F1 RENESAS-UPD48576209F1 Datasheet
1Mb / 54P
   576M-BIT Low Latency DRAM
UPD48288209A RENESAS-UPD48288209A Datasheet
1Mb / 53P
   288M-BIT Low Laten cy DRAM Common I/O
Oct 01, 2012
UPD48288109A RENESAS-UPD48288109A Datasheet
1Mb / 52P
   288M-BIT Low Laten cy DRAM Separate I/O
Oct 01, 2012
UPD48576209 RENESAS-UPD48576209 Datasheet
1Mb / 53P
   576M-BIT Low Latency DRAM Common I/O
Oct 01, 2012
UPD48576109 RENESAS-UPD48576109 Datasheet
1Mb / 52P
   576M-BIT Low Latency DRAM Separate I/O
Oct 01, 2012
logo
Elpida Memory
EDR2518ABSE ELPIDA-EDR2518ABSE Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com