Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S7G2 Fiches technique(PDF) 88 Page - Renesas Technology Corp

No de pièce S7G2
Description  32-bit ARM Cortex-M4 microcontroller
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Fiches technique(HTML) 88 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 84Page - Renesas Technology Corp S7G2 Datasheet HTML 85Page - Renesas Technology Corp S7G2 Datasheet HTML 86Page - Renesas Technology Corp S7G2 Datasheet HTML 87Page - Renesas Technology Corp S7G2 Datasheet HTML 88Page - Renesas Technology Corp S7G2 Datasheet HTML 89Page - Renesas Technology Corp S7G2 Datasheet HTML 90Page - Renesas Technology Corp S7G2 Datasheet HTML 91Page - Renesas Technology Corp S7G2 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 88 of 113
Feb 23, 2016
S7G2
2. Electrical Characteristics
Figure 2.75
USBHS_DP and USBHS_DM output timing in low-speed mode
Figure 2.76
Test circuit in low-speed mode
Output
characteristics
Output high voltage
VOH
2.8
-
3.6
V
IOH = –200 μA-
Output low voltage
VOL
0.0
-
0.3
V
IOL= 2 mA
-
Cross-over voltage
VCRS
1.3
-
2.0
V
-
Figure 2.75,
Figure 2.76
Rise time
tLR
75
-
300
ns
-
Fall time
tLF
75
-
300
ns
-
Rise/fall time ratio
tLR / tLF
80
-
125
%
tLR / tLF
-
Pull-up,
Pull-down
characteristics
USBHS_DP and USBHS_DM
pull-down resistors (host)
Rpd
14.25
-
24.80
kΩ
-
Table 2.35
USBHS full-speed characteristics (USBHS_DP and USBHS_DM pin characteristics) (1/2)
Conditions: USBHS_RREF = 2.2 kΩ ± 1%, USBMCLK = 20/24 MHz, UCLK = 48 MHz
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Input
characteristics
Input high voltage
VIH
2.0
-
-
V
-
-
Input low voltage
VIL
--
0.8
V
-
-
Differential input sensitivity
VDI
0.2
-
-
V
| USBHS_DP -
USBHS_DM |
-
Differential common-mode
range
VCM
0.8
-
2.5
V
-
-
Table 2.34
USBHS low-speed characteristics for host only (USBHS_DP and USBHS_DM pin characteristics)
(2/2)
Conditions: USBHS_RREF = 2.2 kΩ ± 1%, USBMCLK = 20/24 MHz, UCLK = 48 MHz
Item
Symbol
Min
Typ
Max
Unit
Test conditions
USBHS_DP,
USBHS_DM
tf
tr
90%
10%
10%
90%
VCRS
Observation
point
200 pF to
600 pF
USBHS_DP
USBHS_DM
200 pF to
600 pF
1.5 K
3.6 V


Description similaire - S7G2

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com