Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S7G2 Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce S7G2
Description  32-bit ARM Cortex-M4 microcontroller
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Fiches technique(HTML) 5 Page - Renesas Technology Corp

  S7G2 Datasheet HTML 1Page - Renesas Technology Corp S7G2 Datasheet HTML 2Page - Renesas Technology Corp S7G2 Datasheet HTML 3Page - Renesas Technology Corp S7G2 Datasheet HTML 4Page - Renesas Technology Corp S7G2 Datasheet HTML 5Page - Renesas Technology Corp S7G2 Datasheet HTML 6Page - Renesas Technology Corp S7G2 Datasheet HTML 7Page - Renesas Technology Corp S7G2 Datasheet HTML 8Page - Renesas Technology Corp S7G2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 5 of 113
Feb 23, 2016
S7G2
1. Overview
Table 1.9
Communication interfaces (1/2)
Feature
Functional description
Serial Communications Interface
(SCI)
The SCI is configurable to five asynchronous and synchronous serial interfaces:
 Asynchronous interfaces (UART and Asynchronous Communications Interface Adapter
(ACIA))
 8-bit clock synchronous interface
 Simple IIC (master-only)
 Simple SPI
 Smart card interface.
The smart card interface complies with the ISO/IEC 7816-3 standard for electronic signals and
transmission protocol.
Each SCI has FIFO buffers to enable continuous and full-duplex communication, and the data
transfer speed can be configured independently using an on-chip baud rate generator. See
section 34, Serial Communications Interface (SCI) in User's Manual.
IrDA Interface (IrDA)
The IrDA interface sends and receives IrDA data communication waveforms in cooperation
with the SCI1 based on the IrDA (Infrared Data Association) standard 1.0. See section 35,
IrDA Interface in User's Manual.
I2C Bus Interface (IIC)
The three-channel IIC conforms with and provides a subset of the NXP I2C bus (Inter-
Integrated Circuit bus) interface functions. See section 36, I2C Bus Interface (IIC) in User's
Manual.
Serial Peripheral Interface (SPI)
Two independent SPI channels are capable of high-speed, full-duplex synchronous serial
communications with multiple processors and peripheral devices. See section 38, Serial
Peripheral Interface (SPI) in User's Manual.
Serial Sound Interface (SSI)
The SSI peripheral provides functionality to interface with digital audio devices for transmitting
PCM audio data over a serial bus with the MCU. The SSI supports an audio clock frequency of
up to 50 MHz, and can be operated as a slave or master receiver, transmitter, or transceiver to
suit various applications. The SSI includes 8-stage FIFO buffers in the receiver and
transmitter, and supports interrupts and DMA-driven data reception and transmission. See
section 41, Serial Sound Interface (SSI) in User's Manual.
Quad Serial Peripheral Interface
(QSPI)
The QSPI is a memory controller for connecting a serial ROM (nonvolatile memory such as a
serial flash memory, serial EEPROM, or serial FeRAM) that has an SPI-compatible interface.
See section 39, Quad Serial Peripheral Interface (QSPI) in User's Manual.
Controller Area Network (CAN)
Module
The CAN module provides functionality to receive and transmit data using a message-based
protocol between multiple slaves and masters in electromagnetically-noisy applications.
The CAN module complies with the ISO 11898-1 (CAN 2.0A/CAN 2.0B) standard and supports
up to 32 mailboxes, which can be configured for transmission or reception in normal mailbox
and FIFO modes. Both standard (11-bit) and extended (29-bit) messaging formats are
supported. See section 37, Controller Area Network (CAN) Module in User's Manual.
USB 2.0 Full-Speed Module (USBFS) Full-Speed USB controller that can operate as a host controller or device controller. The
module supports full-speed and low-speed (host controller only) transfer as defined in
Universal Serial Bus Specification 2.0. The module has an internal USB transceiver and
supports all of the transfer types defined in Universal Serial Bus Specification 2.0.
The USB has buffer memory for data transfer, providing a maximum of 10 pipes. Pipes 1 to 9
can be assigned any endpoint number based on the peripheral devices used for
communication or based on your system. See section 32, USB 2.0 Full-Speed Module
(USBFS) in User's Manual.
USB 2.0 High-Speed Module
(USBHS)
High-Speed USB controller that can operate as a host controller or a device controller. As a
host controller, the USBHS supports high-speed transfer, full-speed transfer, and low-speed
transfer as defined in Universal Serial Bus Specification 2.0. As a device controller, the USBHS
supports high-speed transfer and full-speed transfer as defined in Universal Serial Bus
Specification 2.0. The USBHS has an internal USB transceiver and supports all of the transfer
types defined in Universal Serial Bus Specification 2.0.
The USBHS has FIFO buffers for data transfer, providing a maximum of 10 pipes. Any
endpoint number can be assigned to pipes 1 to 9, based on the peripheral devices or your
system for communication. See section 33, USB 2.0 High-Speed Module (USBHS) in User's
Manual.


Description similaire - S7G2

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com