Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S7G2 Fiches technique(PDF) 41 Page - Renesas Technology Corp

No de pièce S7G2
Description  32-bit ARM Cortex-M4 microcontroller
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S7G2 Fiches technique(HTML) 41 Page - Renesas Technology Corp

Back Button S7G2 Datasheet HTML 37Page - Renesas Technology Corp S7G2 Datasheet HTML 38Page - Renesas Technology Corp S7G2 Datasheet HTML 39Page - Renesas Technology Corp S7G2 Datasheet HTML 40Page - Renesas Technology Corp S7G2 Datasheet HTML 41Page - Renesas Technology Corp S7G2 Datasheet HTML 42Page - Renesas Technology Corp S7G2 Datasheet HTML 43Page - Renesas Technology Corp S7G2 Datasheet HTML 44Page - Renesas Technology Corp S7G2 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 116 page
background image
R01DS0262EU0100 Rev.1.00
Page 41 of 113
Feb 23, 2016
S7G2
2. Electrical Characteristics
Note 1. Supply current values are with all output pins unloaded and all input pull-up MOS transistors in the off state.
Note 2. Measured with clocks supplied to the peripheral functions. This does not include the BGO operation.
Note 3. This does not include the BGO operation.
Note 4. Supply of the clock signal to peripherals is stopped in this state. This does not include the BGO operation.
Note 5. When VBATT is used.
Note 6. When using ETHERC, PCLKA frequency is:
12.5MHz ≤ PCLKA ≤ 120MHz
Note 7. When VCC is < VDETBATT and > (VBATT + 0.6 V), the injected current connects from the VCC to the VBATT
pin through an internal diode.
2.2.6
VCC Rise and Fall Gradient and Ripple Frequency
Note 1. This applies when VBATT is used.
Reference
power
supply
current
(VREFH)
During 12-bit A/D conversion (unit 1)
AIREFH
-70
120
-70
120
µA
-
During D/A conversion
(per unit)
Without AMP output
-
0.24
0.4
-
0.24
0.4
mA
-
With AMP ouput
-
0.1
0.2
-
0.1
0.2
mA
-
Waiting for 12-bit A/D (unit 1), D/A (all units)
conversion
-0.07
0.4
-0.07
0.4
µA
-
ADC12 unit 1 in standby modes
-
0.07
0.2
-
0.07
0.2
µA
-
USB
operating
current
Low speed
USB
ICCUSBLS
-
3.5
6.5
-
3.5
6.5
mA
VCC_USB
USBHS
-
10.5
13.5
-
10.5
13.5
mA
VCC_USBHS =
AVCC_USBHS
(PHYSET.HSEB = 0)
USBHS
-
2.8
3.6
-
2.8
3.6
mA
VCC_USBHS =
AVCC_USBHS
(PHYSET.HSEB = 1)
Full speed
USB
ICCUSBFS
-
4.0
10.0
-
4.0
10.0
mA
VCC_USB
USBHS
-
14
22
-
14
22
mA
VCC_USBHS =
AVCC_USBHS
(PHYSET.HSEB = 0)
USBHS
-
6.5
13.0
-
6.5
13.0
mA
VCC_USBHS =
AVCC_USBHS
(PHYSET.HSEB = 1)
High speed
USBHS
ICCUSBHS
-
50
65
-
50
65
mA
VCC_USBHS =
AVCC_USBHS
Standby mode (direct
power down)
USBHS
ICCUSBSBY -0.5
3.0
-
0.5
3.0
μA
VCC_USBHS =
AVCC_USBHS
Table 2.8
Rise and fall gradient characteristics
Item
Symbol
Min
Typ
Max
Unit
Test conditions
VCC rising gradient
SrVCC
0.0084
-
20
ms/V
-
VCC falling gradient*1
SfVCC
0.0084
-
-
ms/V
-
Table 2.9
Rise and fall gradient and ripple frequency characteristics
The ripple voltage must meet the allowable ripple frequency fr(VCC) within the range between the VCC upper limit (3.6 V) and lower limit
(2.7 V). When the VCC change exceeds VCC ±10%, the allowable voltage change rising and falling gradient dt/dVCC must be met.
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Allowable ripple frequency
fr (VCC)
--
10
kHz
Figure 2.2
Vr (VCC) ≤ VCC × 0.2
--
1
MHz
Figure 2.2
Vr (VCC) ≤ VCC × 0.08
--
10
MHz
Figure 2.2
Vr (VCC) ≤ VCC × 0.06
Allowable voltage change rising
and falling gradient
dt/dVCC
1.0
-
-
ms/V
When VCC change exceeds VCC ±10%
Table 2.7
Operating and standby current (2/2)
Item
Symbol
LDO mode
DCDC mode
Unit
Test conditions
Min
Typ
Max
Min
Typ
Max


Description similaire - S7G2

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LPC540XX NXP-LPC540XX Datasheet
3Mb / 168P
   32-bit ARM Cortex-M4 microcontroller
Rev. 1.8-22 June 2018
logo
Renesas Technology Corp
S3A7 RENESAS-S3A7 Datasheet
1Mb / 133P
   32-bit ARM Cortex-M4 microcontroller
logo
NXP Semiconductors
LPC546XX NXP-LPC546XX Datasheet
3Mb / 169P
   32-bit ARM Cortex-M4 microcontroller
Rev. 2.5-20 June 2018
LPC408X-7X NXP-LPC408X-7X Datasheet
2Mb / 123P
   32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012
LPC5411X NXP-LPC5411X Datasheet
2Mb / 105P
   32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com