Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RX634 Fiches technique(PDF) 43 Page - Renesas Technology Corp

No de pièce RX634
Description  54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX634 Fiches technique(HTML) 43 Page - Renesas Technology Corp

Back Button RX634 Datasheet HTML 39Page - Renesas Technology Corp RX634 Datasheet HTML 40Page - Renesas Technology Corp RX634 Datasheet HTML 41Page - Renesas Technology Corp RX634 Datasheet HTML 42Page - Renesas Technology Corp RX634 Datasheet HTML 43Page - Renesas Technology Corp RX634 Datasheet HTML 44Page - Renesas Technology Corp RX634 Datasheet HTML 45Page - Renesas Technology Corp RX634 Datasheet HTML 46Page - Renesas Technology Corp RX634 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 106 page
background image
R01DS0255EJ0100 Rev.1.00
Page 43 of 106
Feb 25, 2015
RX634 Group
4. I/O Registers
0008 8603h
MTU4
Timer Mode Register
TMDR
8
8
2 to 3PCLKB
2 ICLK
MTU2a
0008 8604h
MTU3
Timer I/O Control Register H
TIORH
8
8
2 to 3PCLKB
2 ICLK
0008 8605h
MTU3
Timer I/O Control Register L
TIORL
8
8
2 to 3PCLKB
2 ICLK
0008 8606h
MTU4
Timer I/O Control Register H
TIORH
8
8
2 to 3PCLKB
2 ICLK
0008 8607h
MTU4
Timer I/O Control Register L
TIORL
8
8
2 to 3PCLKB
2 ICLK
0008 8608h
MTU3
Timer Interrupt Enable Register
TIER
8
8
2 to 3PCLKB
2 ICLK
0008 8609h
MTU4
Timer Interrupt Enable Register
TIER
8
8
2 to 3PCLKB
2 ICLK
0008 860Ah
MTU
Timer Output Master Enable Register
TOER
8
8
2 to 3PCLKB
2 ICLK
0008 860Dh
MTU
Timer Gate Control Register
TGCR
8
8
2 to 3PCLKB
2 ICLK
0008 860Eh
MTU
Timer Output Control Register 1
TOCR1
8
8
2 to 3PCLKB
2 ICLK
0008 860Fh
MTU
Timer Output Control Register 2
TOCR2
8
8
2 to 3PCLKB
2 ICLK
0008 8610h
MTU3
Timer Counter
TCNT
16
16
2 to 3PCLKB
2 ICLK
0008 8612h
MTU4
Timer Counter
TCNT
16
16
2 to 3PCLKB
2 ICLK
0008 8614h
MTU
Timer Cycle Data Register
TCDR
16
16
2 to 3PCLKB
2 ICLK
0008 8616h
MTU
Timer Dead Time Data Register
TDDR
16
16
2 to 3PCLKB
2 ICLK
0008 8618h
MTU3
Timer General Register A
TGRA
16
16
2 to 3PCLKB
2 ICLK
0008 861Ah
MTU3
Timer General Register B
TGRB
16
16
2 to 3PCLKB
2 ICLK
0008 861Ch
MTU4
Timer General Register A
TGRA
16
16
2 to 3PCLKB
2 ICLK
0008 861Eh
MTU4
Timer General Register B
TGRB
16
16
2 to 3PCLKB
2 ICLK
0008 8620h
MTU
Timer Subcounter
TCNTS
16
16
2 to 3PCLKB
2 ICLK
0008 8622h
MTU
Timer Cycle Buffer Register
TCBR
16
16
2 to 3PCLKB
2 ICLK
0008 8624h
MTU3
Timer General Register C
TGRC
16
16
2 to 3PCLKB
2 ICLK
0008 8626h
MTU3
Timer General Register D
TGRD
16
16
2 to 3PCLKB
2 ICLK
0008 8628h
MTU4
Timer General Register C
TGRC
16
16
2 to 3PCLKB
2 ICLK
0008 862Ah
MTU4
Timer General Register D
TGRD
16
16
2 to 3PCLKB
2 ICLK
0008 862Ch
MTU3
Timer Status Register
TSR
8
8
2 to 3PCLKB
2 ICLK
0008 862Dh
MTU4
Timer Status Register
TSR
8
8
2 to 3PCLKB
2 ICLK
0008 8630h
MTU
Timer Interrupt Skipping Set Register
TITCR
8
8
2 to 3PCLKB
2 ICLK
0008 8631h
MTU
Timer Interrupt Skipping Counter
TITCNT
8
8
2 to 3PCLKB
2 ICLK
0008 8632h
MTU
Timer Buffer Transfer Set Register
TBTER
8
8
2 to 3PCLKB
2 ICLK
0008 8634h
MTU
Timer Dead Time Enable Register
TDER
8
8
2 to 3PCLKB
2 ICLK
0008 8636h
MTU
Timer Output Level Buffer Register
TOLBR
8
8
2 to 3PCLKB
2 ICLK
0008 8638h
MTU3
Timer Buffer Operation Transfer Mode
Register
TBTM
8
8
2 to 3PCLKB
2 ICLK
0008 8639h
MTU4
Timer Buffer Operation Transfer Mode
Register
TBTM
8
8
2 to 3PCLKB
2 ICLK
0008 8640h
MTU4
Timer A/D Converter Start Request
Control Register
TADCR
16
16
2 to 3PCLKB
2 ICLK
0008 8644h
MTU4
Timer A/D Converter Start Request Cycle
Set Register A
TADCORA
16
16
2 to 3PCLKB
2 ICLK
0008 8646h
MTU4
Timer A/D Converter Start Request Cycle
Set Register B
TADCORB
16
16
2 to 3PCLKB
2 ICLK
0008 8648h
MTU4
Timer A/D Converter Start Request Cycle
Set Buffer Register A
TADCOBRA
16
16
2 to 3PCLKB
2 ICLK
0008 864Ah
MTU4
Timer A/D Converter Start Request Cycle
Set Buffer Register B
TADCOBRB
16
16
2 to 3PCLKB
2 ICLK
0008 8660h
MTU
Timer Waveform Control Register
TWCR
8
8, 16
2 to 3PCLKB
2 ICLK
0008 8680h
MTU
Timer Start Register
TSTR
8
8, 16
2 to 3PCLKB
2 ICLK
0008 8681h
MTU
Timer Synchronous Register
TSYR
8
8, 16
2 to 3PCLKB
2 ICLK
0008 8684h
MTU
Timer Read/Write Enable Register
TRWER
8
8, 16
2 to 3PCLKB
2 ICLK
0008 8690h
MTU0
Noise Filter Control Register
NFCR
8
8, 16
2 to 3PCLKB
2 ICLK
0008 8691h
MTU1
Noise Filter Control Register
NFCR
8
8, 16
2 to 3PCLKB
2 ICLK
0008 8692h
MTU2
Noise Filter Control Register
NFCR
8
8, 16
2 to 3PCLKB
2 ICLK
0008 8693h
MTU3
Noise Filter Control Register
NFCR
8
8, 16
2 to 3PCLKB
2 ICLK
Table 4.1
List of I/O Registers (Address Order) (18 / 34)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
Remarks
ICLK
PCLK
ICLK <
PCLK


Numéro de pièce similaire - RX634

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
RX630 RENESAS-RX630 Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
RX63N RENESAS-RX63N Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
More results

Description similaire - RX634

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
   240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
   120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
   120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com