Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RX113 Fiches technique(PDF) 49 Page - Renesas Technology Corp

No de pièce RX113
Description  32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX113 Fiches technique(HTML) 49 Page - Renesas Technology Corp

Back Button RX113_16 Datasheet HTML 45Page - Renesas Technology Corp RX113_16 Datasheet HTML 46Page - Renesas Technology Corp RX113_16 Datasheet HTML 47Page - Renesas Technology Corp RX113_16 Datasheet HTML 48Page - Renesas Technology Corp RX113_16 Datasheet HTML 49Page - Renesas Technology Corp RX113_16 Datasheet HTML 50Page - Renesas Technology Corp RX113_16 Datasheet HTML 51Page - Renesas Technology Corp RX113_16 Datasheet HTML 52Page - Renesas Technology Corp RX113_16 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 131 page
background image
R01DS0216EJ0110 Rev.1.10
Page 49 of 131
Mar 31, 2016
RX113 Group
4. I/O Registers
0008 C402h
RTC
Binary Counter 0
BCNT0
8
8
2 or 3 PCLKB
0008 C404h
RTC
Minute Counter
RMINCNT
8
8
2 or 3 PCLKB
0008 C404h
RTC
Binary Counter 1
BCNT1
8
8
2 or 3 PCLKB
0008 C406h
RTC
Hour Counter
RHRCNT
8
8
2 or 3 PCLKB
0008 C406h
RTC
Binary Counter 2
BCNT2
8
8
2 or 3 PCLKB
0008 C408h
RTC
Day-Of-Week Counter
RWKCNT
8
8
2 or 3 PCLKB
0008 C408h
RTC
Binary Counter 3
BCNT3
8
8
2 or 3 PCLKB
0008 C40Ah
RTC
Date Counter
RDAYCNT
8
8
2 or 3 PCLKB
0008 C40Ch
RTC
Month Counter
RMONCNT
8
8
2 or 3 PCLKB
0008 C40Eh
RTC
Year Counter
RYRCNT
16
16
2 or 3 PCLKB
0008 C410h
RTC
Second Alarm Register
RSECAR
8
8
2 or 3 PCLKB
0008 C410h
RTC
Binary Counter 0 Alarm Register
BCNT0AR
8
8
2 or 3 PCLKB
0008 C412h
RTC
Minute Alarm Register
RMINAR
8
8
2 or 3 PCLKB
0008 C412h
RTC
Binary Counter 1 Alarm Register
BCNT1AR
8
8
2 or 3 PCLKB
0008 C414h
RTC
Hour Alarm Register
RHRAR
8
8
2 or 3 PCLKB
0008 C414h
RTC
Binary Counter 2 Alarm Register
BCNT2AR
8
8
2 or 3 PCLKB
0008 C416h
RTC
Day-of-Week Alarm Register
RWKAR
8
8
2 or 3 PCLKB
0008 C416h
RTC
Binary Counter 3 Alarm Register
BCNT3AR
8
8
2 or 3 PCLKB
0008 C418h
RTC
Date Alarm Register
RDAYAR
8
8
2 or 3 PCLKB
0008 C418h
RTC
Binary Counter 0 Alarm Enable Register
BCNT0AER
8
8
2 or 3 PCLKB
0008 C41Ah
RTC
Month Alarm Register
RMONAR
8
8
2 or 3 PCLKB
0008 C41Ah
RTC
Binary Counter 1 Alarm Enable Register
BCNT1AER
8
8
2 or 3 PCLKB
0008 C41Ch
RTC
Year Alarm Register
RYRAR
16
16
2 or 3 PCLKB
0008 C41Ch
RTC
Binary Counter 2 Alarm Enable Register
BCNT2AER
16
16
2 or 3 PCLKB
0008 C41Eh
RTC
Year Alarm Enable Register
RYRAREN
8
8
2 or 3 PCLKB
0008 C41Eh
RTC
Binary Counter 3 Alarm Enable Register
BCNT3AER
8
8
2 or 3 PCLKB
0008 C422h
RTC
RTC Control Register 1
RCR1
8
8
2 or 3 PCLKB
0008 C424h
RTC
RTC Control Register 2
RCR2
8
8
2 or 3 PCLKB
0008 C426h
RTC
RTC Control Register 3
RCR3
8
8
2 or 3 PCLKB
0008 C42Eh
RTC
Time Error Adjustment Register
RADJ
8
8
2 or 3 PCLKB
0008 C580h
CMPB
Comparator B Control Register 1
CPBCNT1
8
8
2 or 3 PCLKB
0008 C581h
CMPB
Comparator B Control Register 2
CPBCNT2
8
8
2 or 3 PCLKB
0008 C582h
CMPB
Comparator B Flag Register
CPBFLG
8
8
2 or 3 PCLKB
0008 C583h
CMPB
Comparator B Interrupt Control Register
CPBINT
8
8
2 or 3 PCLKB
0008 C584h
CMPB
Comparator B Filter Select Register
CPBF
8
8
2 or 3 PCLKB
0008 C585h
CMPB
Comparator B Mode Select Register
CPBMD
8
8
2 or 3 PCLKB
0008 C586h
CMPB
Comparator B Reference Input Voltage Select Register
CPBREF
8
8
2 or 3 PCLKB
0008 C587h
CMPB
Comparator B Output Control Register
CPBOCR
8
8
2 or 3 PCLKB
000A 0000h
USB0
System Configuration Control Register
SYSCFG
16
16
3 or 4 PCLKB
000A 0004h
USB0
System Configuration Status Register 0
SYSSTS0
16
16
9 PCLK or more
000A 0008h
USB0
Device State Control Register 0
DVSTCTR0
16
16
9 PCLK or more
000A 0014h
USB0
CFIFO Port Register
CFIFO
16
16
3 or 4 PCLKB
000A 0018h
USB0
D0FIFO Port Register
D0FIFO
16
16
3 or 4 PCLKB
000A 001Ch
USB0
D1FIFO Port Register
D1FIFO
16
16
3 or 4 PCLKB
000A 0020h
USB0
CFIFO Port Select Register
CFIFOSEL
16
16
3 or 4 PCLKB
000A 0028h
USB0
D0FIFO Port Select Register
D0FIFOSEL
16
16
3 or 4 PCLKB
000A 002Ch
USB0
D1FIFO Port Select Register
D1FIFOSEL
16
16
3 or 4 PCLKB
000A 0022h
USB0
CFIFO Port Control Register
CFIFOCTR
16
16
3 or 4 PCLKB
000A 002Ah
USB0
D0FIFO Port Control Register
D0FIFOCTR
16
16
3 or 4 PCLKB
000A 002Eh
USB0
D1FIFO Port Control Register
D1FIFOCTR
16
16
3 or 4 PCLKB
000A 0030h
USB0
Interrupt Enable Register 0
INTENB0
16
16
9 PCLKB or more
000A 0032h
USB0
Interrupt Enable Register 1
INTENB1
16
16
9 PCLKB or more
Table 4.1
List of I/O Registers (Address Order) (20/23)
Address
Module
Symbol
Register Name
Register
Symbol
Number of
Bits
Access
Size
Number of Access
States


Numéro de pièce similaire - RX113_16

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
   Renesas MCUs
More results

Description similaire - RX113_16

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com