Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RX111 Fiches technique(PDF) 12 Page - Renesas Technology Corp

No de pièce RX111
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX111 Fiches technique(HTML) 12 Page - Renesas Technology Corp

Back Button RX111_16 Datasheet HTML 8Page - Renesas Technology Corp RX111_16 Datasheet HTML 9Page - Renesas Technology Corp RX111_16 Datasheet HTML 10Page - Renesas Technology Corp RX111_16 Datasheet HTML 11Page - Renesas Technology Corp RX111_16 Datasheet HTML 12Page - Renesas Technology Corp RX111_16 Datasheet HTML 13Page - Renesas Technology Corp RX111_16 Datasheet HTML 14Page - Renesas Technology Corp RX111_16 Datasheet HTML 15Page - Renesas Technology Corp RX111_16 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 12 of 127
May 31, 2016
RX111 Group
1. Overview
Note 1. For external clock input.
USB 2.0 host/
function module
USB0_DP
I/O
D+ I/O pin of the USB on-chip transceiver.
USB0_DM
I/O
D- I/O pin of the USB on-chip transceiver.
USB0_VBUS
Input
USB cable connection monitor pin.
USB0_EXICEN
Output
Low-power control signal for the OTG chip.
USB0_VBUSEN
Output
VBUS (5 V) supply enable signal for the OTG chip.
USB0_OVRCURA,
USB0_OVRCURB
Input
External overcurrent detection pins.
USB0_ID
Input
Mini-AB connector ID input pin during operation in OTG mode.
12-bit A/D
converter
AN000 to AN004, AN006,
AN008 to AN015
Input
Input pins for the analog signals to be processed by the A/D converter.
ADTRG0#
Input
Input pin for the external trigger signals that start the A/D conversion.
D/A converter
DA0, DA1
Output
Output pins for the analog signals to be processed by the D/A converter.
I/O ports
P03, P05
I/O
2-bit input/output pins.
P14 to P17
I/O
4-bit input/output pins.
P26, P27
I/O
2-bit input/output pins.
P30 to P32, P35
I/O
4-bit input/output pins (P35 input pin).
P40 to P44, P46
I/O
6-bit input/output pins.
P54, P55
I/O
2-bit input/output pins.
PA0, PA1, PA3, PA4, PA6
I/O
5-bit input/output pins.
PB0, PB1, PB3, PB5 to PB7
I/O
6-bit input/output pins.
PC0 to PC7
I/O
8-bit input/output pins.
PE0 to PE7
I/O
8-bit input/output pins.
PH7
Input
1-bit input pin.
PJ6, PJ7
I/O
2-bit input/output pins.
Table 1.4
Pin Functions (3/3)
Classifications
Pin Name
I/O
Description


Numéro de pièce similaire - RX111_16

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111_15 Datasheet
1Mb / 114P
   Renesas MCUs
More results

Description similaire - RX111_16

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com