Moteur de recherche de fiches techniques de composants électroniques |
|
0151350803 Fiches technique(PDF) 1 Page - Molex Electronics Ltd. |
|
0151350803 Fiches technique(HTML) 1 Page - Molex Electronics Ltd. |
|
1 / 1 page This document was generated on 06/14/2017 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0151350803 Status: Active Overview: CLIK-Mate™ Wire-to-Board Connectors Description: CLIK-Mate™-to-CLIK-Mate™ Off-the-Shelf (OTS) Cable Assembly, Single Row, 300.00mm Length, 8 Circuits, Beige Documents: Drawing (PDF) Product Literature (PDF) RoHS Certificate of Compliance (PDF) General Product Family Cable Assemblies Series 15135 Assembly Configuration Dual Ended Connectors Connector to Connector CLIK-Mate™-to-CLIK-Mate™ Overview CLIK-Mate™ Wire-to-Board Connectors Product Literature Order No 987651-6143 Product Name CLIK-Mate™ OTS UPC 191128160452 Physical Cable Length 300.00mm Circuits (Loaded) 8 Color - Resin Beige Gender Male-Male Lock to Mating Part Yes Material - Metal Copper Alloy Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin PBT Net Weight 8.631/g Packaging Type Bag Pitch - Mating Interface 1.50mm Plating min - Mating 0.406µm Plating min - Termination 0.406µm Single Ended No Termination Interface: Style Crimp or Compression Wire Insulation Diameter 1.10mm Wire Size AWG 24 Wire/Cable Type UL 1061 Electrical Current - Maximum per Contact 1.5A Voltage - Maximum 100V AC (RMS)/DC Material Info Reference - Drawing Numbers Sales Drawing 2012341679-000 Series image - Reference only EU ELV Not Relevant EU RoHS China RoHS Compliant REACH SVHC Not Contained Per -ED/01/2017 (12 January 2017) Halogen-Free Status Not Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions. China ROHS Green Image ELV Not Relevant RoHS Phthalates Not Contained Search Parts in this Series 15135 Series Mates With 503395 Bottom-Entry Receptacle . 503175 Right Angle, Through Hole Receptacle . 502585 Right Angle, Surface Mount Receptacle <br> 503159 Vertical, Through Hole Receptacle <br> 502584 , 505405 Vertical, Surface Mount Receptacle This document was generated on 06/14/2017 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Numéro de pièce similaire - 0151350803 |
|
Description similaire - 0151350803 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |