Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1300 Fiches technique(PDF) 8 Page - Microchip Technology

No de pièce TC1300
Description  300 mA CMOS LDO with Shutdown, Bypass and Independent Delayed Reset Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1300 Fiches technique(HTML) 8 Page - Microchip Technology

Back Button TC1300 Datasheet HTML 4Page - Microchip Technology TC1300 Datasheet HTML 5Page - Microchip Technology TC1300 Datasheet HTML 6Page - Microchip Technology TC1300 Datasheet HTML 7Page - Microchip Technology TC1300 Datasheet HTML 8Page - Microchip Technology TC1300 Datasheet HTML 9Page - Microchip Technology TC1300 Datasheet HTML 10Page - Microchip Technology TC1300 Datasheet HTML 11Page - Microchip Technology TC1300 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC1300
DS21385C-page 8
 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC1300 is a combination of a fixed output, low
dropout
regulator
and
a
microcontroller
monitor/RESET. Unlike bipolar regulators, the TC1300
supply current does not increase with load current. In
addition, VOUT remains stable and within regulation
over the entire specified operating load range (0 mA to
300 mA) and operating input voltage range (2.7V to
6.0V).
Figure 3-1 shows a typical application circuit. The reg-
ulator is enabled any time the shutdown input (SHDN)
is above VIH. The regulator is shutdown (disabled)
when SHDN is at or below VIL. SHDN may be con-
trolled by a CMOS logic gate or an I/O port of a micro-
controller. If the SHDN input is not required, it should be
connected directly to the input supply. While in shut-
down, supply current decreases to 30 µA (typical),
VOUT falls to zero and RESET remains valid.
3.1
RESET Output
The RESET output is driven active-low within 160 µsec
of VDET falling through the reset voltage threshold.
RESET is maintained active for a minimum of
140 msec after VDET rises above the reset threshold.
The TC1300 has an active-low RESET output. The out-
put of the TC1300 is valid down to VDET = 1V and is
optimized to reject fast transient glitches on the VDET
line.
FIGURE 3-1:
Typical Application Circuit.
3.2
Output Capacitor
A 1 µF (min) capacitor from VOUT to ground is required.
A 1 µF capacitor should also be connected from VIN to
GND if there is more than 10 inches of wire between
the regulator and the AC filter capacitor, or if a battery
is used as the power source. As with all low dropout
regulators, a minimum output capacitance is required
to stabilize the output voltage. For the TC1300, a mini-
mum of 1 µF of output capacitance is enough to stabi-
lize the device over the entire operating load and line
range. The selected output capacitor plays an impor-
tant role is compensating the LDO regulator. For the
TC1300, the selected output capacitor equivalent
series resistance (ESR) range is 0.1 ohms to 5 ohms
when using 1 µF of output capacitance, and 0.01 ohms
to 5 ohms when using 10 µF of output capacitance.
Because of the ESR requirement, tantalum and alumi-
num electrolytic capacitors are recommended. Alumi-
num electrolytic capacitors are not recommended for
operation at temperatures below -25°C. When operat-
ing from sources other than batteries, rejection and
transient responses can be improved by increasing the
value of the input and output capacitors and employing
passive filtering techniques.
3.3
Bypass Input (Optional)
An optional 470 pF capacitor connected from the
Bypass input to ground reduces noise present on the
internal reference, which in turn significantly reduces
output noise and improves PSRR performance. This
input may be left unconnected. Larger capacitor values
may be used, but results in a longer time period to rated
output voltage when power is initially applied.
3.4
Turn On Response
The turn-on response is defined as two separate
response categories, Wake-Up Time (tWK) and Settling
Time (tS).
The TC1300 has a fast Wake-Up Time (10 µsec typi-
cal) when released from shutdown. See Figure 3-2 for
the Wake-Up Time designated as tWK. The Wake-Up
Time is defined as the time it takes for the output to rise
to 2% of the VOUT value after being released from
shutdown.
The total turn-on response is defined as the Settling
Time (tS) (see Figure 3-2). Settling Time (inclusive with
tWK) is defined as the condition when the output is
within 2% of its fully enabled value (50 µsec typical)
when released from shutdown. The settling time of the
output voltage is dependent on load conditions and
output capacitance on VOUT (RC response).
FIGURE 3-2:
Wake-Up Response Time.
TC1300
1
2
3
4
5
6
7
8
V
OUT
C
BYPASS
470 pF
(Optional)
Shutdown Control
(from Power
Control Logic)
GND
Bypass
V
IN
SHDN
V
OUT
C1
1µF
RESET
V
DET
NC
C2
1µF
Battery
V
DET
RESET
Microcontroller
V
IH
t
S
t
WK
V
OUT
98%
2%
V
IL
SHDN


Numéro de pièce similaire - TC1300

FabricantNo de pièceFiches techniqueDescription
logo
Lite-On Technology Corp...
TC1300H LITEON-TC1300H Datasheet
46Kb / 4P
   SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
More results

Description similaire - TC1300

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
SA57026 PHILIPS-SA57026 Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
logo
Microchip Technology
TC1307 MICROCHIP-TC1307 Datasheet
553Kb / 28P
   Four-Channel CMOS LDO with Select Mode, Shutdown and Independent Reset
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
logo
TelCom Semiconductor, I...
TC1014 TELCOM-TC1014 Datasheet
109Kb / 10P
   50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
logo
Microchip Technology
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
logo
Unisonic Technologies
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com