Moteur de recherche de fiches techniques de composants électroniques |
|
STK1743 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers |
|
STK1743 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 10 page STK1743 March 1999 7-3 READ CYCLES #1 & #2 (VCC = 5.0V ± 10%) Note f: W must be high during SRAM READ cycles and low during SRAM WRITE cycles. Note g: I/O state assumes E, G < VIL and W > VIH; device is continuously selected. Note h: Measured + 200mV from steady state output voltage. READ CYCLE #1: Address Controlledf, g READ CYCLE #2: E Controlledf NO. SYMBOLS PARAMETER STK1743-25 STK1743-35 STK1743-45 UNITS #1, #2 Alt. MIN MAX MIN MAX MIN MAX 1tELQV tACS Chip Enable Access Time 25 35 45 ns 2tAVAV f tRC Read Cycle Time 25 35 45 ns 3tAVQV g tAA Address Access Time 25 35 45 ns 4tGLQV tOE Output Enable to Data Valid 10 15 20 ns 5tAXQX g tOH Output Hold after Address Change 5 5 5 ns 6tELQX tLZ Chip Enable to Output Active 5 5 5 ns 7tEHQZ h tHZ Chip Disable to Output Inactive 10 13 15 ns 8tGLQX tOLZ Output Enable to Output Active 0 0 0 ns 9tGHQZ h tOHZ Output Disable to Output Inactive 10 13 15 ns 10 tELICCH e tPA Chip Enable to Power Active 0 0 0 ns 11 tEHICCL d, e tPS Chip Disable to Power Standby 25 35 45 ns DATA VALID 5 tAXQX 3 tAVQV DQ (DATA OUT) ADDRESS 2 tAVAV STANDBY DATA VALID DQ (DATA OUT) E ADDRESS 2 tAVAV G ICC ACTIVE 1 tELQV 11 tEHICCL 7 tEHQZ 9 tGHQZ 6 tELQX 8 tGLQX 4 tGLQV 10 tELICCH |
Numéro de pièce similaire - STK1743 |
|
Description similaire - STK1743 |