Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

749010310 Fiches technique(PDF) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 749010310
Description  WE-LAN AQ 10/100 Base-T SMD Transformer 1 Port
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

749010310 Fiches technique(HTML) 6 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  749010310 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 749010310 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 749010310 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 749010310 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 749010310 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 749010310 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 749010310 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-LAN AQ of
Würth Elektronik eiSos GmbH Co. KG:
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The disposal and operation of the product within ambient conditions which probably alloy or harm the wire isolation has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. Accordingly to this the
product is exposed to the pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this
pressure and so the electrical as well as the mechanical characteristics are endanger to be affected. After the potting material is cured, the
core, wire and termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have
occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply for customer specific products.
Cleaning agents that are used to clean application might damage or change the characteristics of the component, body, pins or termination.
Direct mechanical impact to the product shall be prevented as the ferrite material of the core could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the datasheet, especially:
• The solder profile has to be complied with according to the technical reflow soldering specification, otherwise no warranty will be
sustained.
• Wave soldering is not applicable. Reflow soldering is recommended.
• All products shall be used before the end of the period of 12 months based on the product date-code, if not a 100% solderability can´t
be ensured.
• Violation of the technical product specifications such as exceeding the nominal rated current will result in the loss of warranty.
The general and product specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate
and reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
MLe
DIN ISO 2768-1m
DESCRIPTION
WE-LAN AQ 10/100 Base-T SMD
Transformer 1 Port
ORDER CODE
749010310
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
001.000
Valid
2017-01-23
eiSos
6/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Numéro de pièce similaire - 749010310

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
749010011 WURTH-749010011 Datasheet
216Kb / 3P
   LAN-Transformer WE-LAN
7490100110A WURTH-7490100110A Datasheet
260Kb / 3P
   LAN-Transformer WE-LAN
7490100111 WURTH-7490100111 Datasheet
143Kb / 1P
   This drawing is dual dimensioned. dimensions in brackets are in millimeters.
7490100111A WURTH-7490100111A Datasheet
503Kb / 4P
   LAN-Transformer WE-LAN
7490100111A WURTH-7490100111A Datasheet
522Kb / 4P
   LAN-Transformer WE-LAN
2017-06-23
More results

Description similaire - 749010310

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
749020310 WURTH-749020310 Datasheet
476Kb / 7P
   WE-LAN AQ 10/100/1000 Base-T SMD Transformer 1 Port
749023310 WURTH-749023310 Datasheet
454Kb / 6P
   WE-LAN AQ WE-LAN AQ 10/100/1000 Base-T SMT Transformer 1 Port
001.000
749022310 WURTH-749022310 Datasheet
453Kb / 6P
   WE-LAN AQ WE-LAN AQ 10/100/1000 Base-T SMT Transformer 1 Port
001.000
749012310 WURTH-749012310 Datasheet
456Kb / 6P
   WE-LAN AQ 10/100 Base-T SMT Transformer 1 Port
001.000
749013310 WURTH-749013310 Datasheet
456Kb / 6P
   WE-LAN AQ 10/100 Base-T SMT Transformer 1 Port
001.000
7490140141 WURTH-7490140141 Datasheet
543Kb / 6P
   WE-LAN 10/100 Base-T SMT Transformer 1 Port
001.002
7490140124 WURTH-7490140124 Datasheet
524Kb / 6P
   WE-LAN 10/100 Base-T SMT Transformer 1 Port
002.000
7490140140 WURTH-7490140140 Datasheet
554Kb / 6P
   WE-LAN 10/100 Base-T SMT Transformer 1 Port
001.002
7490140125 WURTH-7490140125 Datasheet
535Kb / 6P
   WE-LAN 10/100 Base-T SMT Transformer 1 Port
002.000
7490140142 WURTH-7490140142 Datasheet
554Kb / 6P
   WE-LAN 10/100 Base-T SMT Transformer 1 Port
001.002
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com