Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZX60-M-SERIES Fiches technique(PDF) 2 Page - Mini-Circuits

No de pièce ZX60-M-SERIES
Description  High Isolation Amplifiers 50?? 0.5 to 5.9 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX60-M-SERIES Fiches technique(HTML) 2 Page - Mini-Circuits

  ZX60-M-SERIES Datasheet HTML 1Page - Mini-Circuits ZX60-M-SERIES Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
Performance Curves
page 2 of 2
ZX60-2510M
GAIN
8
9
10
11
12
13
14
15
16
500
1000
1500
2000
2500
FREQUENCY (MHz)
V=5V
ZX60-2510M
DIRECTIVITY
0
5
10
15
20
25
30
35
500
1000
1500
2000
2500
FREQUENCY (MHz)
V=5V
ZX60-2510M
1 dB COMPRESSION
8
10
12
14
16
18
20
500
1000
1500
2000
2500
FREQUENCY (MHz)
V=5V
ZX60-2510M
VSWR
0.0
0.5
1.0
1.5
2.0
2.5
500
1000
1500
2000
2500
FREQUENCY (MHz)
IN
OUT
V=5V
ZX60-2510M
ZX60-2514M
GAIN
8
10
12
14
16
18
20
500
1000
1500
2000
2500
FREQUENCY (MHz)
V=5V
ZX60-2514M
DIRECTIVITY
0
5
10
15
20
25
30
500
1000
1500
2000
2500
FREQUENCY (MHz)
V=5V
ZX60-2514M
1 dB COMPRESSION
10
12
14
16
18
20
22
500
1000
1500
2000
2500
FREQUENCY (MHz)
V=5V
ZX60-2514M
VSWR
0.0
1.0
2.0
3.0
4.0
5.0
500
1000
1500
2000
2500
FREQUENCY (MHz)
IN
OUT
V=5V
ZX60-2514M
ZX60-2522M
GAIN
10
13
15
18
20
23
25
500
1000
1500
2000
2500
FREQUENCY (MHz)
V=5V
ZX60-2522M
DIRECTIVITY
0
5
10
15
20
25
30
500
1000
1500
2000
2500
FREQUENCY (MHz)
V=5V
ZX60-2522M
1 dB COMPRESSION
10
12
14
16
18
20
22
500
1000
1500
2000
2500
FREQUENCY (MHz)
V=5V
ZX60-2522M
VSWR
0.0
1.0
2.0
3.0
4.0
500
1000
1500
2000
2500
FREQUENCY (MHz)
IN
OUT
V=5V
ZX60-2522M
ZX60-5916M
GAIN
10
13
15
18
20
23
25
1500
2250
3000
3750
4500
5250
6000
FREQUENCY (MHz)
V=5V
ZX60-5916M
DIRECTIVITY
0
10
20
30
40
50
1500
2250
3000
3750
4500
5250
6000
FREQUENCY (MHz)
V=5V
ZX60-5916M
1 dB COMPRESSION
10
12
14
16
18
20
22
1500
2250
3000
3750
4500
5250
6000
FREQUENCY (MHz)
V=5V
ZX60-5916M
VSWR
0.0
1.0
2.0
3.0
4.0
5.0
1500
2250
3000
3750
4500
5250
6000
FREQUENCY (MHz)
IN
OUT
V=5V
ZX60-5916M
ZX60-M SERIES


Numéro de pièce similaire - ZX60-M-SERIES

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
ZX60-02203LPN MINI-ZX60-02203LPN Datasheet
830Kb / 8P
   Wideband Microwave Amplifier
ZX60-02203LPN++ MINI-ZX60-02203LPN+ Datasheet
830Kb / 8P
   Wideband Microwave Amplifier
ZX60-05113LN MINI-ZX60-05113LN Datasheet
315Kb / 4P
   Coaxial Low Noise Amplifier
ZX60-05113LN++ MINI-ZX60-05113LN+ Datasheet
315Kb / 4P
   Coaxial Low Noise Amplifier
ZX60-06183LN MINI-ZX60-06183LN Datasheet
316Kb / 4P
   Coaxial Low Noise Amplifier
More results

Description similaire - ZX60-M-SERIES

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
MNA-SERIES MINI-MNA-SERIES Datasheet
212Kb / 8P
   Monolithic Amplifiers High Directivity, 50?? 0.5 to 5.9 GHz
logo
Transcom, Inc.
TA053-059-38-36 TRANSCOM-TA053-059-38-36 Datasheet
31Kb / 1P
   5.3 - 5.9 GHz 4 W Amplifiers
logo
Communications & Power ...
VTC-5762B5 CPI-VTC-5762B5 Datasheet
96Kb / 2P
   5.2 to 5.9 GHz
logo
Tyco Electronics
MASWSS0121 MACOM-MASWSS0121 Datasheet
198Kb / 3P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
SW-475 MACOM-SW-475 Datasheet
91Kb / 4P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-475 MA-COM-SW-475 Datasheet
116Kb / 3P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
MASWSS0024 MACOM-MASWSS0024 Datasheet
219Kb / 3P
   SPDT High Isolation Terminated Switch, 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0121 MA-COM-MASWSS0121 Datasheet
117Kb / 3P
   SPDT High Isolation Terminated Switch 0.5 - 3.0 GHz
logo
Mini-Circuits
ZSWA-4-30DR MINI-ZSWA-4-30DR Datasheet
66Kb / 1P
   Switch High Isolation, SP4T, 50??DC to 3 GHz
logo
Marki Microwave
BAL-0050 MARKIMICROWAVE-BAL-0050 Datasheet
933Kb / 7P
   Broadband Isolation Balun (300KHz to 50 GHz)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com