Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM25145RGYT Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM25145RGYT
Description  6-V to 42-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM25145RGYT Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM25145RGYT Datasheet HTML 2Page - Texas Instruments LM25145RGYT Datasheet HTML 3Page - Texas Instruments LM25145RGYT Datasheet HTML 4Page - Texas Instruments LM25145RGYT Datasheet HTML 5Page - Texas Instruments LM25145RGYT Datasheet HTML 6Page - Texas Instruments LM25145RGYT Datasheet HTML 7Page - Texas Instruments LM25145RGYT Datasheet HTML 8Page - Texas Instruments LM25145RGYT Datasheet HTML 9Page - Texas Instruments LM25145RGYT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
6
LM25145
SNVSAT9 – JUNE 2017
www.ti.com
Product Folder Links: LM25145
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
Over the recommended operating junction temperature range of –40°C to 125°C (unless otherwise noted).
(1)
MIN
MAX
UNIT
Input voltages
VIN
–0.3
45
V
SW
–1
45
SW (20-ns transient)
–5
45
ILIM
–1
45
EN/UVLO
–0.3
45
VCC
–0.3
14
FB, COMP, SS/TRK, RT
–0.3
6
SYNCIN
–0.3
14
Output voltages
BST
–0.3
60
V
BST to VCC
45
BST to SW
–0.3
14
VCC to BST (20-ns transient)
7
LO (20-ns transient)
–3
PGOOD
–0.3
14
Operating junction temperature, TJ
150
°C
Storage temperature, Tstg
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000


Numéro de pièce similaire - LM25145RGYT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM25145 TI-LM25145 Datasheet
2Mb / 55P
[Old version datasheet]   LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM25145 TI-LM25145 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM25145 TI-LM25145 Datasheet
5Mb / 70P
[Old version datasheet]   LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM25145 TI1-LM25145 Datasheet
3Mb / 60P
[Old version datasheet]   LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
More results

Description similaire - LM25145RGYT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM5145 TI1-LM5145 Datasheet
2Mb / 67P
[Old version datasheet]   6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1_18 Datasheet
2Mb / 61P
[Old version datasheet]   100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146-Q1 TI1-LM5146-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   95-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146 Datasheet
2Mb / 55P
[Old version datasheet]   LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5146 TI-LM5146_V01 Datasheet
3Mb / 63P
[Old version datasheet]   LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LV5144 TI1-LV5144 Datasheet
3Mb / 60P
[Old version datasheet]   LV5144 95-V, Synchronous, Buck DC/DC Controller With Wide Duty Cycle Range
AUGUST 2023
LM5145-Q1 TI-LM5145-Q1 Datasheet
4Mb / 62P
[Old version datasheet]   LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM25143 TI-LM25143 Datasheet
4Mb / 69P
[Old version datasheet]   LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com